Electronic Components Datasheet Search
  English  ▼

X  

ESDM3031 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDM3031
Description  ESD Protection Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM3031 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDM3031 Datasheet HTML 1Page - ON Semiconductor ESDM3031 Datasheet HTML 2Page - ON Semiconductor ESDM3031 Datasheet HTML 3Page - ON Semiconductor ESDM3031 Datasheet HTML 4Page - ON Semiconductor ESDM3031 Datasheet HTML 5Page - ON Semiconductor ESDM3031 Datasheet HTML 6Page - ON Semiconductor ESDM3031 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDM3031
www.onsemi.com
3
Figure 3. Positive TLP I−V Curve
Figure 4. Negative TLP I−V Curve
VR (V)
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
−8
−6
−4
−20
2
4
Figure 5. IV Characteristics
68
VCTLP (V)
0
2
4
6
8
10
12
14
16
18
22
04
8
12
16
20
VCTLP (V)
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
−2
−4
−8
−12
−16
−20
2
6
10
14
18
−6
−10
−14
−18
0
20
−10
10
−9
−7
−5
−3
−11
3
5
7
9
25
20
15
10
5
0
−5
−4
−3
−2
−1
0
12
34
5
VBIAS (V)
Figure 6. Line Capacitance, f = 1 MHz
10
0
IPK (A)
Figure 7. Positive Clamping Voltage vs. Peak
Pulse Current (tp = 8/20 ms)
9
8
7
6
5
4
3
2
1
0
16
14
12
10
24
8
6
10
0
IPK (A)
Figure 8. Negative Clamping Voltage vs. Peak
Pulse Current (tp = 8/20 ms)
9
8
7
6
5
4
3
2
1
0
12
10
24
8
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com