Electronic Components Datasheet Search
  English  ▼

X  

TPIC2810 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2810
Description  8-BIT LED DRIVER WITH I2C INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC2810 Datasheet HTML 9Page - Texas Instruments TPIC2810 Datasheet HTML 10Page - Texas Instruments TPIC2810 Datasheet HTML 11Page - Texas Instruments TPIC2810 Datasheet HTML 12Page - Texas Instruments TPIC2810 Datasheet HTML 13Page - Texas Instruments TPIC2810 Datasheet HTML 14Page - Texas Instruments TPIC2810 Datasheet HTML 15Page - Texas Instruments TPIC2810 Datasheet HTML 16Page - Texas Instruments TPIC2810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TPIC2810
8-BIT LED DRIVER WITH I2C INTERFACE
SLIS109A – DECEMBER 2001 – REVISED SEPTEMBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
TPIC2810 subaddress and I2C protocol definition
subaddress definition:
Summary:
HEX
Value
R/W
Bit
Function
11H
1
Read data from the input register
11H
0
Write data to the data shift register, do not transfer to output register
22H
0
Command to transfer data from the data shift register to the output storage register
44H
0
Write data to the data shift register and transfer it to the output storage register immediately (extra
load 22H command not needed)
Other
x
No action on undefined subaddresses
All other undefined subaddress values are not acknowledged.
register definition:
D The data shift register receives serial data from the I2C interface.
D The data shift register receives data from the input interface and holds it until it is transferred to the output
storage register.
D The output storage register controls whether the FET is on or off.
TPIC2810 I2C input interface protocol definition
S
G3 G2 G1 G0 A2 A1 A0 RW
A
S7 S6 S5 S4
S3 S2 S1
A
S0
Slave Address and R/W
Subaddress
D7 D6 D5 D4 D3 D2 D1
A
D0
Data
P
S
G
A(0:2)
RW
A
Subaddress
Data
P
Start Condition
Group ID: Defined as 1100
Device Address Selectable Via Input Terminals
Read/Write Select Bit
Acknowledge
Defined Per Subaddress Table
Data to Be Loaded Into the Shift and Output Registers
Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com