Electronic Components Datasheet Search
  English  ▼

X  

TPS5110 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5110
Description  3-A SINK/ SOURCE DDR TERMINATION REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5110 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5110 Datasheet HTML 1Page - Texas Instruments TPS5110 Datasheet HTML 2Page - Texas Instruments TPS5110 Datasheet HTML 3Page - Texas Instruments TPS5110 Datasheet HTML 4Page - Texas Instruments TPS5110 Datasheet HTML 5Page - Texas Instruments TPS5110 Datasheet HTML 6Page - Texas Instruments TPS5110 Datasheet HTML 7Page - Texas Instruments TPS5110 Datasheet HTML 8Page - Texas Instruments TPS5110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPS51100
SLUS600B − APRIL 2004 − REVISED NOVEMBER 2005
3A SINK/SOURCE DDR
TERMINATION REGULATOR
1
www.ti.com
FEATURES
D Input Voltage Range: 4.75 V to 5.25 V
D VLDOIN Voltage Range: 1.2 V to 3.6 V
D 3-A Sink/Source Termination Regulator
Includes Droop Compensation
D Requires Only 20-µF Ceramic Output
Capacitance
D Supports High-Z in S3 and Soft-Off in S5
D 1.2-V Input (VLDOIN) Helps Reduce Total
Power Dissipation
D Integrated Divider Tracks !/2VDDQSNS for
VTT and VTTREF
D Remote Sensing (VTTSNS)
D ± 20-mV Accuracy for VTT and VTTREF
D 10-mA Buffered Reference (VTTREF)
D Built-In Soft-Start, UVLO and OCL
D Thermal Shutdown
D Supports JEDEC Specifications
APPLICATIONS
D DDR, DDR2 Memory Termination
D SSTL−2, SSTL−18 and HSTL Termination
DESCRIPTION
The TPS51100 is a 3-A sink/source tracking
termination regulator. It is specifically designed for
low-cost/low-external component count systems,
where space is a premium.
The TPS51100 maintains fast transient response
only requiring 20-
µF (2 × 10µF) of ceramic output
capacitance. The TPS51100 supports remote
sensing functions and all features required to
power the DDR and DDR2 VTT bus termination
according to the JEDEC specification. In addition,
the TPS51100 includes integrated sleep-state
controls placing VTT in High-Z in S3 (suspend to
RAM) and soft-off for VTT and VTTREF in S5
(suspend to disk). The TPS51100 is available in
the thermally efficient 10-pin MSOP PowerPAD
and is specified from −40
°C to 85°C.
ORDERING INFORMATION
TA
PLASTIC MSOP POWER PAD
(DGQ)(1)
−40
°C to 85°C
TPS51100DGQ
(1) The DGQ package is also available taped and reeled. Add
an R suffix to the device type (i.e., TPS51100DGQR). See
the application section of the data sheet for PowerPAD
drawing and layout information.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
UDG−04015
C1
2
y 10 µF
C2
0.1
µF
1
2
3
4
10
9
8
7
VIN
S5
GND
S3
VDDQSNS
VLDOIN
PGND
VTT
TPS51100DGQ
5
6
VTTREF
VTTSNS
S3
VTTREF
5V_IN
S5
Cap
C1
C2
Manuf
TDK
TDK
Part Number
C2012JB0J106K
C1608JB1H104K


Similar Part No. - TPS5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI1-TPS5110 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI2-TPS5110 Datasheet
853Kb / 46P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
REVISED JULY 2004
TPS51100 TI-TPS51100 Datasheet
704Kb / 20P
3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
704Kb / 20P
3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQG4 TI-TPS51100DGQG4 Datasheet
704Kb / 20P
3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com