Electronic Components Datasheet Search
  English  ▼

X  

HT6P247A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6P247A
Description  Learning RF Encoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P247A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6P247A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P247A Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 1.10
2
November 10, 2014
HT6P237A/HT6P247A
Pin Assignment
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
B0
BT S1
BT S0
OP S
VD D
VSS
PA OU T
PVS S
XI N
XO UT
DO UT
D0
D1
VSS
BT SG S
22A ddr es s + 2D at a
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
B1
B0
BT S1
BT S0
OP S
VD D
VS S
PA OU T
PVS S
XI N
XO UT
DO UT
D0
D1
D2
D3
24A ddr es s + 4D at a
HT 6P 237A
16 NS OP -A
HT 6P 247A
16 NS OP -A
Selection Table
Part No.
VDD
Addr. No. Data No. Compound
Data No.
Trig.
Frequency Band
RF Type Package
HT6P237A 2.0V~3.6V
22
2
2
Data Low 300MHz~450MHz
ASK TX
16NSOP
HT6P247A 2.0V~3.6V
24
4
2
Data Low 300MHz~450MHz
ASK TX
16NSOP
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1~2
B1~B0
I
CMOS IN
Compound pin – D0~D3 for B0 and D1~D2 for B1 in HT6P247A
Compound pin – D0~D1 for B0 in HT6P237A
3~4
BTS1~BTS0
I
CMOS IN
Bit Time Select Pins Set to VDD, floating or ground to select 8 bit
width types
5
OPS
I
CMOS IN
Output Power Select Pin. Set to VDD, floating or ground to select
one of 3 power output levels
VDD: 16dBm, Floating: 14dBm, Gnd: 12dBm
6
VDD
P
—
Positive power supply
7/15
VSS
P
—
Negative power supply, ground
Pin 15 in the HT6P237A should be grounded
8
PAOUT
O Power Amplify
Output
L/C matching circuit
9
PVSS
P
—
RF negative power supply, ground
10
XIN
I
Oscillator
13.56MHz Crystal oscillator input for 433.92MHz RF
11
XOUT
O
Oscillator
13.56MHz Crystal oscillator output for 433.92MHz RF
12
DOUT
O
CMOS OUT Encoder data out
13~16 D0~D3
I
CMOS IN
Data input and transmission enable; active low
16
BTSGS
(HT6P237A only) I
CMOS IN
Bit time group select
0: Bit time group 1
1: Bit time group 2
This pin must be either high or low and not allowed to float
Approximate Internal Connections
CM OS IN /O UT
CM OS O UT
CM OS I N Pu ll -h ig h
Os ci ll at or
V DD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com