Electronic Components Datasheet Search
  English  ▼

X  

HT12D Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT12D
Description  Low power and high noise immunity CMOS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12D Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT12D_09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12D_09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT12D/HT12F
2
12 Series of Decoders
Selection Table
Function
Address
No.
Data
VT
Oscillator
Trigger
Package
Part No.
No.
Type
HT12D
8
4
L
Ö
RC oscillator
DIN active
²Hi²
18DIP, 20SOP
HT12F
12
0
¾Ö
RC oscillator
DIN active
²Hi²
18DIP, 20SOP
Notes: Data type: L stands for latch type data output.
VT can be used as a momentary data output.
Rev. 1.20
1
February 20, 2009
General Description
The 2
12 decoders are a series of CMOS LSIs for remote
control system applications. They are paired with
Holtek
¢s212 series of encoders (refer to the encoder/de-
coder cross reference table). For proper operation, a
pair of encoder/decoder with the same number of ad-
dresses and data format should be chosen.
The decoders receive serial addresses and data from a
programmed 2
12 series of encoders that are transmitted
by a carrier using an RF or an IR transmission medium.
They compare the serial input data three times continu-
ously with their local addresses. If no error or un-
matched codes are found, the input data codes are
decoded and then transferred to the output pins. The VT
pin also goes high to indicate a valid transmission.
The 2
12 series of decoders are capable of decoding
informations that consist of N bits of address and 12
-N
bits of data. Of this series, the HT12D is arranged to pro-
vide 8 address bits and 4 data bits, and HT12F is used to
decode 12 bits of address information.
Features
· Operating voltage: 2.4V~12V
· Low power and high noise immunity CMOS
technology
· Low standby current
· Capable of decoding 12 bits of information
· Binary address setting
· Received codes are checked 3 times
· Address/Data number combination
- HT12D: 8 address bits and 4 data bits
- HT12F: 12 address bits only
· Built-in oscillator needs only 5% resistor
· Valid transmission indicator
· Easy interface with an RF or an infrared transmission
medium
· Minimal external components
· Pair with Holtek¢s2
12 series of encoders
· 18-pin DIP, 20-pin SOP package
Applications
· Burglar alarm system
· Smoke and fire alarm system
· Garage door controllers
· Car door controllers
· Car alarm system
· Security system
· Cordless telephones
· Other remote control systems


Similar Part No. - HT12D_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
More results

Similar Description - HT12D_09

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC00A IKSEMICON-IN74HC00A Datasheet
231Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HC02A IKSEMICON-IN74HC02A Datasheet
245Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HC04A IKSEMICON-IN74HC04A Datasheet
249Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HC05A IKSEMICON-IN74HC05A Datasheet
286Kb / 6P
High Noise Immunity Characteristic of CMOS Devices
IN74HC08A IKSEMICON-IN74HC08A Datasheet
184Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HC11A IKSEMICON-IN74HC11A Datasheet
185Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HC14A IKSEMICON-IN74HC14A Datasheet
190Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HCT27A IKSEMICON-IN74HCT27A Datasheet
241Kb / 5P
High Noise Immunity Characteristic of CMOS Devices
IN74HCU04A IKSEMICON-IN74HCU04A Datasheet
163Kb / 6P
High noise immunity characteristic of CMOS
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A_09 Datasheet
150Kb / 15P
Low power and high noise immunity CMOS
February 20, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com