Electronic Components Datasheet Search
  English  ▼

X  

HT8970 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT8970
Description  Voice Echo
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8970 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT8970_08 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8970_08 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
1
-730.950
688.300
2
-668.800
-652.050
3
-668.800
-755.050
4
-642.650
-951.700
5
-344.900
-951.700
6
-134.150
-951.700
7
135.100
-951.700
8
406.400
-951.700
9
687.400
-951.700
10
735.950
941.950
11
640.950
941.950
12
537.950
941.950
13
442.950
941.950
14
-94.000
920.850
15
-256.650
868.650
16
-578.400
749.850
Pad Description
Pad No.
Pad Name
I/O
Description
1
DGND
I
Digital ground
2
OSC_O
O
System oscillator output
3
VCO
I
System oscillator input, system frequency adjustable pin
4
CC1
¾
Current control 1
5
CC0
¾
Current control 0
6
OP1_OUT
O
OP1 output
7
OP1_IN
I
OP1 input
8
OP2_IN
I
OP2 input
9
OP2_OUT
O
OP2 output
10
LPF2_IN
I
Low pass filter 2 input
11
LPF2_OUT
O
Low pass filter 2 output
12
LPF1_OUT
O
Low pass filter 1 output
13
LPF1_IN
I
Low pass filter 1 input
14
VCC
I
Analog and positive power supply
15
REF
I
Analog reference voltage
16
AGND
I
Analog ground
HT8970
Rev. 1.10
3
May 2, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com