Electronic Components Datasheet Search
  English  ▼

X  

WM9705 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9705 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
WM9705
Multimedia AC’97 CODEC with
Integrated Touch Screen Controller
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, December 2003, Rev 4.0
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM9705 is a high-quality stereo audio codec with an
integrated touch screen controller.
The audio section is compliant with the Intel AC’97 Rev 2.2
specification. It performs full-duplex 18-bit codec functions and
supports variable sample rates from 8 to 48k samples/s with
high signal to noise ratio. Optional AC’97 features include 3D
sound
enhancement,
line-level
outputs,
stereo
buffered
headphone
outputs,
hardware
sample
rate
conversion,
primary/secondary
mode
operation
and
S/PDIF
output.
Headphone auto-detect, I
2S output and headphone buffer on the
mono output are included.
Additionally, the WM9705 integrates a complete 4-wire touch
screen controller, including on-chip screen drivers, pen-down
detection feature, and pressure measurement capability.
A 5-pin digital bi-directional AC-Link serial interface allows
transfer of control data and DAC and ADC words to and from
the AC’97 controller. The WM9705 is fully operable on 3V or 5V
or mixed 3/5V supplies, and is packaged in the industry
standard 48-pin TQFP package with 7mm body size, or in a
smaller 7
× 7 × 0.9mm QFN.
FEATURES
•
AC’97 rev2.2 compliant codec with pen digitiser
•
18-bit stereo audio codecs
•
On-chip sample rate conversion
•
Multiple channel input mixer
•
S/PDIF digital audio output
•
Headphone drivers on AUX and MONO outputs
•
4-wire touch screen interface with co-ordinate and
pressure measurement, and pen-down detection
•
Wake-up from sleep mode on pen down
•
3V to 5V operation
•
Extensive power management features including hardware
power down option
•
Standard AC’97 pinout in 48-pin TQFP package or 48-pin
QFN package.
APPLICATIONS
•
Personal Digital Assistants and ‘Smartphones’
•
PocketPC systems
BLOCK DIAGRAM
W
WM9705
DVDD1
DGND1
DAC
L
HPGND
HPVDD
HPGND
DAC
R
DIGITAL
FILTERS
Σ∆
MODULATION
VARIABLE
RATE AUDIO
PEN DOWN
AUXADC
TOUCH PANEL
SWITCH MATRIX
4-wire resistive
touchpanel
16 / 32Ohm
headphone
ADCSEL
CLOCK
OSC
HPOUTL
HPOUTR
VREFOUT
DACVOL
(Reg 18h)
HPVOL
(Reg 04h)
LINEINVOL (Reg 10h)
MICVOL (Reg 0Eh)
RECORD
GAIN
(Reg 1Ch)
VREF
RECORD
SELECT
(Reg 1Ah)
LINEOUTL
LINEOUTR
MASTER VOL
(Reg 02h)
AUX
VID
CONTROL LOGIC
SAR
ADC
AC'97
INTERFACE
0/20
dB
MIC BOOST
(Reg 0Eh)
M
U
X
VID
AUX
MIC2
MIC1
M
U
X
M
U
X
HPOUTL
headset autodetect
CDR
CDL
LINEINR
LINEINL
CDGND
MIC SELECT
(Reg 20h)
ADC
R
ADC
L
VID
AUX
PCBEEP
POP
(Reg 20h)
MIXVOL
(Reg 72h)
CX3D1 CX3D2
M
U
X
HPND
(Reg 5Ch)
MONO VOL
(Reg 06h)
MONO_OUT
(TX)
M
U
X
M
U
X
MIX
(Reg 20h)
PSEL
(Reg 5Ch)
3D
PHONE
PHONE
(Reg 0Ah)
(Reg 0Ch)
MUX
ADCNDAC
(Reg 5Ch)
CDVOL (Reg 12h)
DVDD2
DGND2
BMON
24.576MHz


Similar Part No. - WM9705

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
WM9705SEFL/RV WOLFSON-WM9705SEFL/RV Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
WM9705SEFL/V WOLFSON-WM9705SEFL/V Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
WM9705SEFT/RV WOLFSON-WM9705SEFT/RV Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
WM9705SEFT/V WOLFSON-WM9705SEFT/V Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
More results

Similar Description - WM9705

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com