Electronic Components Datasheet Search
  English  ▼

X  

WM9710 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
20
Synchronisation of all AC-link data transactions is signalled by the WM9710 controller. The
WM9710 drives the serial bit clock onto AC-link, which the AC’97 controller then qualifies with a
synchronisation signal to construct audio frames.
SYNC, fixed at 48kHz, is derived by dividing down the serial clock (BITCLK). BITCLK, fixed at
12.288MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and
incoming time slots. AC-link serial data is transitioned on each rising edge of BITCLK. The
receiver of AC-link data, (WM9710 for outgoing data and AC’97 controller for incoming data),
samples each serial bit on the falling edges of BITCLK.
The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a
valid tag for its corresponding time slot within the current audio frame. A 1 in a given bit position
of slot 0 indicates that the corresponding time slot within the current audio frame has been
assigned to a data stream, and contains valid data. If a slot is tagged invalid, it is the
responsibility of the source of the data, (the WM9710 for the input stream, AC’97 controller for the
output stream), to stuff all bit positions with 0s during that slot’s active time.
SYNC remains high for a total duration of 16 BITCLKs at the beginning of each audio frame.
The portion of the audio frame where SYNC is high is defined as the Tag Phase. The remainder
of the audio frame where SYNC is low is defined as the Data Phase. Additionally, for power
savings, all clock, sync, and data signals can be halted. This requires that the WM9710 be
implemented as a static design to allow its Register contents to remain intact when entering a
power savings mode.
PLAY MASTER VOLUME REGISTERS (INDEX 02H, 04H AND 06H)
These registers manage the output signal volumes. Register 02h controls the stereo master
volume (both right and left channels), Register 04h controls the stereo headphone out, and
Register 06h controls the mono volume output. Each step corresponds to 1.5dB. The MSB of the
register is the mute bit. When this bit is set to 1 the level for that channel is set at -
∞dB.
ML4 to ML0 is for left channel level, MR4 to MR0 is for the right channel and MM4 to MM0 is for
the mono out channel.
Support for the MSB of the volume level is not provided by the WM9710. If the MSB is written to,
then the WM9710 detects when that bit is set and sets all 4 LSBs to 1s. Example: If the driver
writes a 1xxxxx the WM9710 interprets that as x11111. It will also respond when read with x11111
rather than 1xxxxx, the value written to it. The driver can use this feature to detect if support for
the 6th bit is there or not.
The default value of both the mono and the stereo registers is 8000h (1000 0000 0000 0000),
which corresponds to 0dB gain with mute on.
MUTE
MX4...MX0
FUNCTION
0
0 0000
0dB attenuation
0
0 0001
1.5dB attenuation
0
1 1111
46.5dB attenuation
1
x xxxx
∞dB attenuation
Table 5 Volume Register Function
The Headphone out has an additional 6dB boost, selectable by setting HPB in register 74h.
PC BEEP REGISTER (INDEX 0AH)
This controls the level for the PC-beep input. Each step corresponds to approximately 3dB of
attenuation. The MSB of the register is the mute bit. When this bit is set to 1 the level for that
channel is set at -
∞dB.
WM9710 defaults to the PC-beep path being muted, so an external speaker should be provided
within the PC to alert the user to power on self-test problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com