Electronic Components Datasheet Search
  English  ▼

X  

LF351 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LF351
Description  Single Operational Amplifier (JFET)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LF351 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LF351 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LF351
Electrical Characteristics
(VCC = +15V, VEE = - 15V, TA = 25
°C. unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Offset Voltage
VIO
RS = 10k
Ω
-5.0
10
mV
0
°C≤TA≤70 °C-
-
13
Input Offset Voltage Drift (Note1)
∆VIO/∆TRS = 10kΩ 0 °C≤TA≤70 °C-
10
-
µV/ °C
Input Offset Current
IIO
-
25
100
pA
0
°C≤TA≤70 °C
--4
nA
Input Bias Current
IBAIS
-
50
200
pA
0
°C≤TA≤70 °C
--8
nA
Input Resistance (Note1)
RI
--
1012
-
Ω
Large Signal Voltage Gain
GV
VO(P-P)=
±10V
25
100
-
V/mV
RL=2k
Ω
0
°C≤TA≤70 °C15
-
-
Output Voltage Swing
VO(P-P)
RL = 10k
Ω±12 ±13.5
-
V
Input Voltage Range
VI(R)
-
±11
+15
-12
-V
Common Mode Rejection Ratio
CMRR
RS
≤10kΩ
70
100
-
dB
Power Supply Rejection Ratio
PSRR
RS
≤10kΩ
70
100
-
dB
Power Supply Current
ICC
--
2.3
3.4
mA
Slew Rate (Note1)
SR
GV = 1
-
13
-
V/
µs
Gain-Bandwidth Product (Note1)
GBW
-
-
4
-
MHz
Ordering Information
Product Number
Package
Operating Temperature
LF351N
8-DIP
0 ~ + 70
°C
LF351M
8-SOP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com