Electronic Components Datasheet Search
  English  ▼

X  

TYN610F Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TYN610F
Description  Triacs sensitive gate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TYN610F Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TYN610F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
V
Average on-state current
I
T(AV)
6.4
A
RMS on-state current
I
T(RMS)
10.0
A
Non-repetitive peak
on-state current
I
TSM
105
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
TYN610F
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
I
D=0.1mA
600
—
—
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 103
oC
—
6.4
—
A
RMS on-state current
I
T(RMS)
all conduction angles
—
10
—
A
On-state voltage
V
T
I
T=20A
—
—
1.6
V
Holding current
I
H
I
T = 100mA
—
—
30
mA
Latching current
I
L
I
GT = 1.2 IGT
—
—
50
mA
Gate trigger current
I
GT
V
D =12 V;RL = 33Ω
—
3.0
10
mA
Gate trigger voltage
V
GT
V
D =12 V;RL = 33Ω
—
0.8
1.5
V
Triacs sensitive gate
The TYNx10 Silicon Controlled Rectifiers is a high
performance glass passivated technology.
This general purpose Silicon Controlled Rectifiers
is designed for power supply up to 400Hz on resistive
or inductive load.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TO-220F
1: K
2: A
3: G
1 2 3
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TYN610F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
Thyristors
logo
First Silicon Co., Ltd
TYN610F FS-TYN610F Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
More results

Similar Description - TYN610F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com