Electronic Components Datasheet Search
  English  ▼

X  

XRT8010 Datasheet(PDF) 12 Page - Exar Corporation

Part # XRT8010
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010 Datasheet(HTML) 12 Page - Exar Corporation

Back Button XRT8010 Datasheet HTML 5Page - Exar Corporation XRT8010 Datasheet HTML 6Page - Exar Corporation XRT8010 Datasheet HTML 7Page - Exar Corporation XRT8010 Datasheet HTML 8Page - Exar Corporation XRT8010 Datasheet HTML 9Page - Exar Corporation XRT8010 Datasheet HTML 10Page - Exar Corporation XRT8010 Datasheet HTML 11Page - Exar Corporation XRT8010 Datasheet HTML 12Page - Exar Corporation XRT8010 Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
XRT8010
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
REV. 1.0.2
11
ORDERING INFORMATION
PACKAGE DIMENSIONS
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT8010IL
16 LEAD QUAD FLAT NO LEAD
(4 mm x 4 mm, QFN)
-40°Cto+85°C
16 LEAD QUAD FLAT NO LEAD
(4 mm x 4 mm, 0.65 pitch QFN)
Note: The control dimension is in millimeter.
MINMAX
MINMAX
A
0.031
0.039
0.80
1.00
A1
0.000
0.002
0.00
0.05
A2
0.000
0.039
0.00
1.00
D
0.154
0.161
3.90
4.10
D1
0.144
0.152
3.65
3.85
D2
0.088
0.100
2.24
2.54
b
0.009
0.015
0.23
0.38
e
0.0256 BSC
0.65 BSC
L
0.014
0.030
0.35
0.75
θ
0°
12°
0°
12°
SYMBOL
INCHES
MILLIMETERS
θ
Rev. 1.01
Note: the actual center pad
is metallic and the size (D2)
is device-dependent w/ a
typical tolerance of 0.3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com