Electronic Components Datasheet Search
  English  ▼

X  

FSD273 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FSD273
Description  SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FSD273 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FSD273 Datasheet HTML 1Page - Zetex Semiconductors FSD273 Datasheet HTML 2Page - Zetex Semiconductors FSD273 Datasheet HTML 3Page - Zetex Semiconductors FSD273 Datasheet HTML 4Page - Zetex Semiconductors FSD273 Datasheet HTML 5Page - Zetex Semiconductors FSD273 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
950 series
ISSUE 2 - MAY 2002
2
PARAMETER
SYMBOL
MAX
UNIT
Reverse voltage
VR
12
V
Forward current
IF
100
mA
Power dissipation at T
amb =25 C SOD523
Ptot
250
mW
Power dissipation at T
amb =25 C SOT323
Ptot
300
mW
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10uA
12
V
Reverse voltage leakage
VR = 8V
0.010
20
nA
ELECTRICAL CHARACTERISTICS at Tamb = 25
°C
PART
CAPACITANCE pF
VR=0.5V, f=1MHz
CAPACITANCE pF
VR=1.5V, f=1MHz
CAPACITANCE
RATIO C0.5 /C2.5
f=1MHz
Minimum Q
VR=0.5V
f=50MHz
Min
Min
Max
Min
ZV950V2
9.5
6.3
7.8
2.0
250
ZV952V2
19
12.7
15.7
2.0
250
ZV953V2
45
30
37
2.0
200
ZMDC953(DUAL)
45
30
37
2.0
250
TUNING CHARACTERISTICS at Tamb =25 C
ZMDC953 is available banded to tighter capacitance range. This product has the order code FSD273TA.
Measured at VR=1.5V the bands are
Band A = 30.0 to 32.5
Band B = 32.3 to 34.7
Band C = 34.5 to 37.0
Product is supplied in reels. A banded reel will only contain a single band. Shipments containing several reels
may have reels in different bands. It is not possible to supply a specific band as processing affects which bands
are available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com