Electronic Components Datasheet Search
  English  ▼

X  

NV5032SL Datasheet(PDF) 2 Page - NIHON DEMPA KOGYO

Part # NV5032SL
Description  Base-stations, GbEthernet, Optical transmission device, and Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NV5032SL Datasheet(HTML) 2 Page - NIHON DEMPA KOGYO

  NV5032SL Datasheet HTML 1Page - NIHON DEMPA KOGYO NV5032SL Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillator
1702B_NV5032S-multi_e
NV5032S[ ]
Multi Mode Voltage Controlled Crystal Oscillator
(VCXO)
mm
Single
Terminal land connections
*#5 : NC (CMOS output)
#1
#2
#3
#4
#5
#6
Vcont
NC or E/D
GND
OUTPUT
OUTPUT
Vcc
Dual
Terminal land connections
#1
#2
#3
#4
#5
#6
Vcont
SEL
GND
OUTPUT
OUTPUT
Vcc
5.0 ± 0.2
2.54 ± 0.2
C0.30
#1
#2
#3
#4
#5
#6
0.64 ± 0.1
1.27
1.27
1.5
0.84
Land pattern (Typical)
■ Dimensions
*Single / Dual
mm
Quad
Terminal land connections
*#5 : NC (CMOS output)
#1
#2
#3
#4
#5
#6
#7
#8
Vcont
NC or E/D
GND
OUTPUT
OUTPUT
Vcc
FSEL1
FSEL0
Any Rate
Terminal land connections
#1
#2
#3
#4
#5
#6
#7
#8
Vcont
NC or E/D
GND
OUTPUT
OUTPUT
Vcc
SDA
SCL
5.0 ± 0.2
2.54 ± 0.2
#1
#2
#3
#4
#5
#6
#7
#8
3.8 ± 0.1
0.64 ± 0.1
1.27
4.6
1.27
1.5
0.84
0.8
Land pattern (Typical)
C0.30
*Quad / Any Rate
① Model
NV5032SK
Single
NV5032SL
Dual
NV5032SM
Quad
NV5032SN
Any Rate
② Frequency
In case of Dual or Quad, please specify one
frequency and request other frequency separately.
In case of Any Rate, please specify one frequency
of initial setting.
Frequency is specified in MHz and four decimal
places (Max.).
(e.g.) 644.53125MHz : 644.5313
③ Supply Voltage
A
+3.3V
B
+2.5V
C
+1.8V
④ Output Voltage
C
CMOS
P
LVPECL
L
LVDS
M
CML
H
HCSL
⑤ Enable/Disable function
H
Enable High
L
Enable Low
N
None
⑥ Overall Frequency Tolerance
B
±10×10-6
C
±20×10-6
D
±50×10-6
⑦ Frequency Control Range
A
±50×10-6
B
±75×10-6
C
±100×10-6
D
±125×10-6
E
±150×10-6
F
±175×10-6
G
±200×10-6
H
±225×10-6
J
±250×10-6
⑧ Operating Temperature Range
A
–40 to +85°C
■ Necessaryinformationforinquiry
For question or order of this product, please specify
following specifications. If you require a product with
specifications not given following , please contact
NDK sales.
①
-
③ ④ ⑤ ⑥ ⑦ ⑧
②
(e.g.) NV5032SK - 622.08 A P H D C A
    ①     ②  ③ ④ ⑤ ⑥ ⑦ ⑧



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com