Electronic Components Datasheet Search
  English  ▼

X  

HT37B30 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT37B30
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B30 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT37B30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT37B30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
8-ChannelMusicSynthesizer8-Bit MCU MCU
Note that the HT37B70/HT37B50/HT37B30 devices, although mentioned in this
datasheet, have already been phased out and are presently no longer available.
SelectionTable
Most features are common to all devices, the main feature distinguishing them are Program Memory capacity, I/O
count, A/D resolution, DAC output, R2F input and package types. The following table summarizes the main features of
eachdevice.
PartNo.
VDD
Channel
OSC
Program
ROM
RAM
I/O
D/A
Power
AMP
CR/F
ADC
IIS
UART
SPI
Package
Types
HT37B30
2.4V~
5.5V
14+2
12.8
MHz
64K
´16
640
´8
32
2ch-
Stereo
Ö
8
12-bit
´8
¾
¾
¾
80LQFP
HT37B50
128K
´16
32
2ch-
Stereo
Ö
8
¾
¾
¾
80LQFP
HT37B70
3.0V~
5.5V
256K
´16
40
2ch-
Stereo
Ö
8
Ö
Ö
Ö
80LQFP
HT37B90
512K
´16 1280´8
40
2ch-
Stereo
Ö
8
Ö
Ö
Ö
100LQFP
Rev.1.00
1
June22,2017
Features
· Operatingvoltage:
2.4V~5.5VforHT37B50/30
3.0V~5.5VforHT37B90/70
· Operatingfrequency:12.8MHz
· Oscillationmodesfortheoscillatorclock
fOSC:crystal(12.8MHz)
1-pinRCoscillationtyp.12.8MHz
· Built-in8-bit MCU (HT-8)with640´8or
1280
´8(HT37B90)bitsRAM
· Built-in64K´16-bitsto512K´16-bitsROMfor
program/datashared
· Two8bittimerandone16bittimer
· Watchdogtimer
· Power-down and Wake-up features for power saving
operation
· 16-bit table read instructions for any bank/page read
· Support32to40bidirectionalI/Olines
· Integrated2-chstereo16-bit DAC converter
· 12-levelsubroutinenesting
· Integratedpoweramplifier
· Integrated8-channel12-bitA/Dconverter
· 16channelpolyphonicsynthesizer
· Lowvoltagereset(Tolerance ±5%)
· Externalinterrupt INT
· External2Timerclockinput
· 8touchswitchinput
· ADPCM decoder
· IIS functionforHT37B90/70
· UART functionforHT37B90/70
· SPI functionforHT37B90/70
· Bitmanipulationinstructions
· 63powerfulinstructions
· Allinstructionsin1or2machinecycles
GeneralDescription
The device is an 8-bit high performance RISC architec-
ture microcontroller specifically designed for various
Music and ADPCM applications. It provides an 8-bit
MCU and 16-channel wavetable synthesizer. It has a in-
tegrated 8-bit micro controller which controls the syn-
thesizer to generate the melody by setting the special
register. A Power-down function is included to reduce
powerconsumption.


Similar Part No. - HT37B30

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT3786D HOTCHIP-HT3786D Datasheet
292Kb / 5P
Li-ion Battery Charger
Ver1.0
logo
Holtek Semiconductor In...
HT37A20 HOLTEK-HT37A20 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
HT37A30 HOLTEK-HT37A30 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
HT37A40 HOLTEK-HT37A40 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
HT37A50 HOLTEK-HT37A50 Datasheet
709Kb / 85P
8-Channel Music Synthesizer MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com