Electronic Components Datasheet Search
  English  ▼

X  

HT46R003 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46R003
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R003 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
Rev. 1.21
14
April 11, 2017
Rev. 1.21
15
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Table Program Example
Theaccompanyingexampleshowshowthetablepointerandtabledataisdefinedandretrievedfrom
thedevice.Thisexampleusesrawtabledatalocatedinthelastpagewhichisstoredthereusingthe
ORGstatement.ThevalueatthisORGstatementis“0300H”whichreferstothestartaddressofthe
lastpagewithinthe1KProgramMemoryofthemicrocontroller.
Thetablepointerissetheretohaveaninitialvalueof“06H”.Thiswillensurethatthefirstdataread
fromthedatatablewillbeattheProgramMemoryaddress“0306H”or6locationsafterthestartof
thelastpage.Notethatthevalueforthetablepointerisreferencedtothefirstaddressofthepresent
pageifthe“TABRDC[m]”instructionisbeingused.Thehighbyteofthetabledatawhichinthis
caseisequaltozerowillbetransferredtotheTBLHregisterautomaticallywhenthe“TABRDL[m]”
instructionisexecuted.
BecausetheTBLHregisterisaread-onlyregisterandcannotberestored,careshouldbetaken
toensureitsprotectionifboththemainroutineandInterruptServiceRoutineusethetableread
instructions.Ifusingthetablereadinstructions,theInterruptServiceRoutinesmaychangethe
valueofTBLHandsubsequentlycauseerrorsifusedagainbythemainroutine.Asaruleitis
recommendedthatsimultaneoususeofthetablereadinstructionsshouldbeavoided.However,in
situationswheresimultaneoususecannotbeavoided,theinterruptsshouldbedisabledpriortothe
executionofanymainroutinetable-readinstructions.Notethatalltablerelatedinstructionsrequire
twoinstructioncyclestocompletetheiroperation.
Instruction
Table Location Bits
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
@9
@8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:PC9~PC8:CurrentprogramCounterbits
@7~@0:TablePointerTBLPbits
Table Read Program Example
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialize table pointer - note that this address is referenced
mov tblp, a
; to the last page or present page
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer
; to tempreg1
; data at prog. memory address “0306H” transferred to
; to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog. memory address “0305H” transferred to
; tempreg2 and TBLH
; in this example the data “1AH” is transferred to tempreg1 and
; data “0FH” to register tempreg2 the value “00H” will be
; transferred to the high byte register TBLH
:
:
org 0300h
; sets initial address of last page
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com