Electronic Components Datasheet Search
  English  ▼

X  

HT46R065 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R065
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R065 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
HT46R064/065/066/0662/067
Rev. 1.30
32
January 22, 2013
· WDTS Register
Bit
76543210
Name
¾¾¾¾¾
WS2
WS1
WS0
R/W
¾¾¾¾¾
R/W
R/W
R/W
POR
¾¾¾¾¾
111
Bit 7~3 :
unimplemented, read as
²0²
Bit 2~0
WS2, WS1, WS0: WDT time-out period selection
000: 2
8 t
WDTCK
001: 2
9 t
WDTCK
010: 2
10 t
WDTCK
011: 2
11 t
WDTCK
100: 2
12 t
WDTCK
101: 2
13 t
WDTCK
110: 2
14 t
WDTCK
111: 2
15 t
WDTCK
1 5 s t a g e c o u n t e r
W D T T i m e - o u t
W S 2 ~ W S 0
C o n f i g .
O p t i o n
S e l e c t
W D T C l o c k S o u r c e S e l e c t i o n
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
f S Y S / 4
L I R C
L X T
f W D T C K
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com