Electronic Components Datasheet Search
  English  ▼

X  

10BF40 Datasheet(PDF) 3 Page - International Rectifier

Part # 10BF40
Description  SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BF40 Datasheet(HTML) 3 Page - International Rectifier

  10BF40 Datasheet HTML 1Page - International Rectifier 10BF40 Datasheet HTML 2Page - International Rectifier 10BF40 Datasheet HTML 3Page - International Rectifier 10BF40 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
10BF.. Series
Preliminary Data Sheet PD-20482 rev. B 06/99
Fig. 1 - Reverse Recovery Time Characteristic and Test Circuit Diagram
Fig. 2 - Typical Forward Characteristics
PULSE
GENERATOR
NOTE 2
OSCILLOSCOPE
NOTE 1
1 S
NON
INDUCTIVE
10 S
NON
INDUCTIVE
50 S
NON
INDUCTIVE
25 V dc
(a pprox)
(+)
(+)
(-)
(-)
D.U.T.
1c m
SET TIME
BASE FOR
10nsec/cm
+0.5A
0
-1 A
-0.25 A
trr
Fig. 4 - Forward Current Derating Curve
Fig. 5 - Peak Forward Surge Current
Fig. 3 - Typical Junction Capacitance
0.01
0.1
1
10
0
0.2
0.4
0. 6
0.8
1
1. 2
1.4
T = 25°C
J
Instantaneous Forward Voltage (V)
Typical
10BF10/20
10BF40/60
10BF80
1
10
100
1000
0
2040
6080
100
R
10BF40/60/80
10BF10/20
Reverse Voltage - V (V)
1
10
100
110
100
Number of Cycles at 60HZ
8.3ms Single Half Sine Wave
JEDEC Method
50
60
70
80
90
100
110
120
130
140
150
0
0.2
0.4
0.6
0.8
1
1.2
F(AV)
Single phase half wave
60Hz resistive or inductive
load P.C.B. mounted
on 0.315x0.315" (8x8mm)
copper pad areas
Average Forward Current - I
(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com