Electronic Components Datasheet Search
  English  ▼

X  

10BF80 Datasheet(PDF) 1 Page - International Rectifier

Part # 10BF80
Description  SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BF80 Datasheet(HTML) 1 Page - International Rectifier

  10BF80 Datasheet HTML 1Page - International Rectifier 10BF80 Datasheet HTML 2Page - International Rectifier 10BF80 Datasheet HTML 3Page - International Rectifier 10BF80 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNTABLE
ULTRAFAST RECOVERY DIODE
1
Preliminary Data Sheet PD-20482 rev. B 06/99
10BF.. Series
Major Ratings and Characteristics
Characteristics
10BF..
Units
10
20
40
60
80
I
F(AV)
1A
V
RRM
100 to 800
V
I
FSM
30
A
V
F
@1A,T
J
= 25°C
0.95
1.4
1.7
V
t
rr
@ T
J
= 25°C
35
50
100
ns
T
J
range
- 50 to 150
°C
Features
For surface mounted applications
Low profile package
Built-in stress relief
Compatible with all pick & place equipments
Ultrafast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction
High temperature soldering:
260°C\10 seconds at terminals
SMB (DO-214AA)
Dimensions in millimeters and (inches)
Outline SMB (DO-214AA)
3.30 (.130 )
3.94 (.155 )
4.06 (.160)
4.70 (.185)
1.91 (.075)
2.11 (.083)
.152 (.006)
.305 (.012)
2.13 (.083)
2.44 (.096)
0.76 (.030)
1.27 (.050)
.102 (.004)
.203 (.008)
5.08 (.200)
5.59 (.220)


Similar Part No. - 10BF80

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
10BF80 ZSELEC-10BF80 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF80 ZSELEC-10BF80 Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Similar Description - 10BF80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF IRF-8EWF Datasheet
162Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF IRF-20ETF Datasheet
211Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
30BF20 IRF-30BF20 Datasheet
68Kb / 4P
SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8A
04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
Surface Mountable Fast Soft Recovery Diode, 8A
17-Nov-11
logo
International Rectifier
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com