Electronic Components Datasheet Search
  English  ▼

X  

FDC37M600 Datasheet(PDF) 95 Page - SMSC Corporation

Part # FDC37M600
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M600 Datasheet(HTML) 95 Page - SMSC Corporation

Back Button FDC37M600 Datasheet HTML 91Page - SMSC Corporation FDC37M600 Datasheet HTML 92Page - SMSC Corporation FDC37M600 Datasheet HTML 93Page - SMSC Corporation FDC37M600 Datasheet HTML 94Page - SMSC Corporation FDC37M600 Datasheet HTML 95Page - SMSC Corporation FDC37M600 Datasheet HTML 96Page - SMSC Corporation FDC37M600 Datasheet HTML 97Page - SMSC Corporation FDC37M600 Datasheet HTML 98Page - SMSC Corporation FDC37M600 Datasheet HTML 99Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 182 page
background image
95
FIFO, then reading the tFIFO will return 44h,
33h, 22h in the same order as was written.
cnfgA (Configuration Register A)
ADDRESS OFFSET = 400H
Mode = 111
This register is a read only register. When read,
10H is returned.
This indicates to the system
that this is an 8 bit implementation. (PWord = 1
byte)
cnfgB (Configuration Register B)
ADDRESS OFFSET = 401H
Mode = 111
BIT 7 compress
This bit is read only. During a read it is a low
level.
This means that this chip does not
support hardware RLE compression.
It does
support hardware de-compression!
BIT 6 intrValue
Returns the value on the ISA iRq line to
determine possible conflicts.
BITS [5:3] Parallel Port IRQ
Refer to Table 42B.
BITS [2:0] Parallel Port DMA
Refer to Table 42C.
ecr (Extended Control Register)
ADDRESS OFFSET = 402H
Mode = all
This register controls the extended ECP parallel
port functions.
BITS 7,6,5
These bits are Read/Write and select the Mode.
BIT 4 nErrIntrEn
Read/Write (Valid only in ECP Mode)
1:
Disables the interrupt generated on the
asserting edge of nFault.
0:
Enables an interrupt pulse on the high to
low edge of nFault. Note that an interrupt
will be generated if nFault is asserted
(interrupting) and this bit is written from a
“1” to a “0”. This prevents interrupts from
being lost in the time between the read of
the ecr and the write of the ecr.
BIT 3 dmaEn
Read/Write
1:
Enables DMA (DMA starts when serviceIntr
is 0).
0:
Disables DMA unconditionally.
BIT 2 serviceIntr
Read/Write
1:
Disables DMA and all of the service
interrupts.
0:
Enables one of the following 3 cases of
interrupts. Once one of the 3 service
interrupts has occurred serviceIntr bit shall
be set to a 1 by hardware. It must be reset
to “0” to re-enable the interrupts. Writing
this bit to a “1” will not cause an interrupt.
case dmaEn=1:
During DMA (this bit is set to a “1” when
terminal count is reached).
case dmaEn=0 direction=0:
This bit shall be set to “1” whenever there
are writeIntrThreshold or more bytes free in
the FIFO.
case dmaEn=0 direction=1:
This bit shall be set to “1” whenever there
are readIntrThreshold or more valid bytes to
be read from the FIFO.
BIT 1 full
Read only
1:
The FIFO cannot accept another byte or the
FIFO is completely full.
0:
The FIFO has at least 1 free byte.
BIT 0 empty
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com