Electronic Components Datasheet Search
  English  ▼

X  

F15216 Datasheet(PDF) 2 Page - Cree, Inc

Part # F15216
Description  Florence series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

F15216 Datasheet(HTML) 2 Page - Cree, Inc

  F15216 Datasheet HTML 1Page - Cree, Inc F15216 Datasheet HTML 2Page - Cree, Inc F15216 Datasheet HTML 3Page - Cree, Inc F15216 Datasheet HTML 4Page - Cree, Inc F15216 Datasheet HTML 5Page - Cree, Inc F15216 Datasheet HTML 6Page - Cree, Inc F15216 Datasheet HTML 7Page - Cree, Inc F15216 Datasheet HTML 8Page - Cree, Inc F15216 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/3
SIZE
A3
DRAWING TITLE
Datasheet
PART NUMBER
F15216_FLORENCE-1R-GC-Z90
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
282. 6
185.9 2 c/ c
B
Left view
Scale:
3:1
5.8 1
11.6 2
11.6 2
Detail B
Scale:
2:1
3.4
3
Isometric view
Scale:
2:3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com