Electronic Components Datasheet Search
  English  ▼

X  

FDC37M608 Datasheet(PDF) 83 Page - SMSC Corporation

Part # FDC37M608
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M608 Datasheet(HTML) 83 Page - SMSC Corporation

Back Button FDC37M608 Datasheet HTML 79Page - SMSC Corporation FDC37M608 Datasheet HTML 80Page - SMSC Corporation FDC37M608 Datasheet HTML 81Page - SMSC Corporation FDC37M608 Datasheet HTML 82Page - SMSC Corporation FDC37M608 Datasheet HTML 83Page - SMSC Corporation FDC37M608 Datasheet HTML 84Page - SMSC Corporation FDC37M608 Datasheet HTML 85Page - SMSC Corporation FDC37M608 Datasheet HTML 86Page - SMSC Corporation FDC37M608 Datasheet HTML 87Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 182 page
background image
83
IBM XT/AT COMPATIBLE, BI-DIRECTIONAL
AND EPP MODES
DATA PORT
ADDRESS OFFSET = 00H
The Data Port is located at an offset of '00H'
from the base address.
The data register is
cleared at initialization by RESET.
During a
WRITE operation, the Data Register latches the
contents of the data bus with the rising edge of
the nIOW input.
The contents of this register
are buffered (non inverting) and output onto the
PD0 - PD7 ports. During a READ operation in
SPP mode, PD0 - PD7 ports are buffered (not
latched) and output to the host CPU.
STATUS PORT
ADDRESS OFFSET = 01H
The Status Port is located at an offset of '01H'
from the base address.
The contents of this
register are latched for the duration of an nIOR
read cycle.
The bits of the Status Port are
defined as follows:
BIT 0 TMOUT - TIME OUT
This bit is valid in EPP mode only and indicates
that a 10 usec time out has occured on the EPP
bus. A logic “0” means that no time out error
has occured; a logic ‘1” means that a time out
error has been detected. This bit is cleared by a
RESET. Writing a one to this bit clears the time
out status bit. On a write, this bit is self clearing
and does not require a write of a zero. Writing a
zero to this bit has no effect.
BITS 1, 2 - are not implemented as register bits,
during a read of the Printer Status Register
these bits are a low level.
BIT 3 nERR - nERROR
The level on the nERROR input is read by the
CPU as bit 3 of the Printer Status Register. A
logic “0” means an error has been detected; a
logic “1” means no error has been detected.
BIT 4 SLCT - PRINTER SELECTED STATUS
The level on the SLCT input is read by the CPU
as bit 4 of the Printer Status Register. A logic
“1” means the printer is on line; a logic “0”
means it is not selected.
BIT 5 PE - PAPER END
The level on the PE input is read by the CPU as
bit 5 of the Printer Status Register. A logic “1”
indicates a paper end; a logic “0” indicates the
presence of paper.
BIT 6 nACK - nACKNOWLEDGE
The level on the nACK input is read by the CPU
as bit 6 of the Printer Status Register. A logic
“0” means that the printer has received a
character and can now accept another. A logic
“1” means that it is still processing the last
character or has not received the data.
BIT 7 nBUSY - nBUSY
The complement of the level on the BUSY input
is read by the CPU as bit 7 of the Printer Status
Register. A logic “0” in this bit means that the
printer is busy and cannot accept a new
character. A logic “1” means that it is ready to
accept the next character.
CONTROL PORT
ADDRESS OFFSET = 02H
The Control Port is located at an offset of '02H'
from the base address. The Control Register is
initialized by the RESET input, bits 0 to 5 only
being affected; bits 6 and 7 are hard wired low.
BIT 0 STROBE - STROBE
This
bit
is
inverted
and
output
onto
the
nSTROBE output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com