Electronic Components Datasheet Search
  English  ▼

X  

74FCT540 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 74FCT540
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT540 Datasheet(HTML) 4 Page - Integrated Device Technology

  74FCT540 Datasheet HTML 1Page - Integrated Device Technology 74FCT540 Datasheet HTML 2Page - Integrated Device Technology 74FCT540 Datasheet HTML 3Page - Integrated Device Technology 74FCT540 Datasheet HTML 4Page - Integrated Device Technology 74FCT540 Datasheet HTML 5Page - Integrated Device Technology 74FCT540 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
—0.5
2
mA
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
Outputs Open
OEA = OEB = GND
VIN = VCC
VIN = GND
—
0.15
0.25
mA/
MHz
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—1.5
3.5
mA
Outputs Open
fi = 10MHz
VIN = GND
50% Duty Cycle
OEA = OEB = GND
VIN = 3.4
VIN = GND
—1.8
4.5
One Bit Toggling
VCC = Max.
VIN = VCC
—3
6(5)
Outputs Open
fi = 2.5MHz
VIN = GND
50% Duty Cycle
OEA = OEB = GND
VIN = 3.4
VIN = GND
—5
14(5)
Eight Bits Toggling
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT540AT
FCT540CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
Ω
1.5
4.8
1.5
4.3
ns
tPZH
tPZL
Output Enable Time
1.5
6.2
1.5
5.8
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.6
1.5
5.2
ns
NOTES:
1. See Test Circuit and Waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com