Electronic Components Datasheet Search
  English  ▼

X  

74LVC3G17 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC3G17
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G17 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC3G17 Datasheet HTML 6Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 7Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 8Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 9Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 10Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 11Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 12Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 13Page - NXP Semiconductors 74LVC3G17 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 14544
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
10 of 16
Philips Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
17. Application information
VCC = 3.0 V.
Fig 10. Typical 74LVC3G17 transfer characteristic
0
0.5
ICC
(mA)
12
14
12
8
6
4
2
0
10
1.5
VI (V)
mnb071
Linear change of VI between 0.8 V to 2.0 V.
(1) Positive-going edge.
(2) Negative-going edge.
All values given are typical unless otherwise specified.
Fig 11. Average ICC for 74LVC3G17 Schmitt trigger
23
4
6
50
0
40
5
30
20
10
mnb086
ICC
(mA)
VCC (V)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com