Electronic Components Datasheet Search
  English  ▼

X  

81DA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 81DA
Description  Aluminum Capacitors 105 째C, Snap-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

81DA Datasheet(HTML) 2 Page - Vishay Siliconix

  81DA Datasheet HTML 1Page - Vishay Siliconix 81DA Datasheet HTML 2Page - Vishay Siliconix 81DA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 42063
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 16-Jul-04
235
81DA
Aluminum Capacitors
+ 105 °C, Snap-in
Vishay Sprague
*Style A and B not available in 0.87” [22.0mm] diameter units.
DIMENSIONS in inches [millimeters]
CIRCUIT BOARD MOUNT TERMINAL DIMENSIONS*
DIAMETER
STYLE A
STYLE B
D
CASE CODE
B
R
C
R
1.00 [25.0]
J
0.093 [2.4]
0.301 [7.6]
140 °
N/A
1.18 [30.0]
K
0.125 [3.2]
0.363 [9.2]
120 °
0.391 [9.9]
1.38 [35.0]
M
0.125 [3.2]
0.458 [11.6]
120 °
0.458 [11.6]
DIMENSIONS AND AVAILABLE FORMS
0.051 [1.3] Dia.
C
C
0.394 [10.0]
-
+
0.394 [10.0]
R (Radius)
Insulating
2 Holes
0.079 [2.0]
Dia.
D
L
0.250
[6.3]
PVC Sleeve
0.025
[0.6]
Min.
B
Disc
Style A
0.051 [1.3] Dia.
0.025
[0.6]
Min.
0.250
[6.3]
0.250 [6.3]
+
0.500 [12.7]
R (Radius)
115
°
0.347
[8.8]
0.203
[5.2]
Min.
0.510 [12.7]
0.250
[6.3]
Insulating
Disc
PVC
Sleeve
0.125 [3.2]
3 Holes
0.079 [2.0]
Dia.
115
°
0.203
[5.2]
0.347
[8.8]
L
D
2 Holes
0.079 [2.0]
Dia.
0.394
[10.0]
0.394
[10.0]
Insulating
Disc
L
D
PVC
Sleeve
0.250
[6.3]
Style D
Style B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com