Electronic Components Datasheet Search
  English  ▼

X  

M4TKRG6AE Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # M4TKRG6AE
Description  32-bit Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M4TKRG6AE Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button M4TKRG6AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 11Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 12Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 13Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 14Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 15Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 16Page - List of Unclassifed Manufacturers M4TKRG6AE Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
M4TK
Jan. 06, 2016
Page 13 of 144
Rev.1.00
–
Supports up to two sets of SPI controllers
– SPI1 and SPI2
–
Supports Master or Slave mode operation
–
Configurable bit length of a transfer word from 8 to 32-bit
–
Provides separate 4-level depth transmit and receive FIFO buffers
–
Supports MSB first or LSB first transfer sequence
–
Supports the byte reorder function
–
Supports Byte or Word Suspend mode
–
Supports 3-wire, no slave select signal, bi-direction interface
–
Master mode up to 36 MHz and Slave mode up to 18 MHz (when chip works at VDD =
5V)
–
Supports up to two sets of I
2S by SPI controllers – SPI1 and SPI2
–
Interface with external audio CODEC
–
Supports Master and Slave mode
–
Capable of handling 8-, 16-, 24- and 32-bit word sizes
–
Supports mono and stereo audio data
–
Supports PCM mode A, PCM mode B, I
2S and MSB justified data format
–
Each provides two 4-word FIFO data buffers, one for transmitting and the other for
receiving
–
Generates interrupt requests when buffer levels cross a programmable boundary
–
Each supports two PDMA requests, one for transmitting and the other for receiving
I
2C
–
Supports up to two sets of I
2C devices
–
Supports Master/Slave mode
–
Bidirectional data transfer between masters and slaves
–
Multi-master bus (no central master)
–
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
–
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus
–
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer
–
Programmable clocks allow versatile rate control
–
Supports multiple address recognition (four slave address with mask option)
–
Supports SMBus and PMBus
–
Supports speed up to 1Mbps
–
Supports multi-address Power-down wake-up function
CAN 2.0
–
Supports up to one set of CAN controller
–
Supports CAN protocol version 2.0 part A and B
–
Bit rates up to 1M bit/s
–
Each supports 32 Message Objects
–
Each Message Object has its own identifier mask
–
Programmable FIFO mode (concatenation of Message Object)
–
Supports interrupts
–
Disabled Automatic Re-transmission mode for Time Triggered CAN applications
–
Supports power-down wake-up function
USB 2.0 FS Controller
–
Supports one set of USB 2.0 FS OTG
–
FS Host compatible with Open HCI 1.0 specification
–
Compliant to USB specification version 2.0
–
OTG compliant with USB OTG Supplement 1.3
–
On-chip USB Transceiver
–
Supports Control, Bulk In/Out, Interrupt and Isochronous transfers
–
Auto suspend function when no bus signaling for 3 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com