Electronic Components Datasheet Search
  English  ▼

X  

97CFDC Datasheet(PDF) 5 Page - SMSC Corporation

Part # 97CFDC
Description  USB FLOPPY DISK CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

97CFDC Datasheet(HTML) 5 Page - SMSC Corporation

  97CFDC Datasheet HTML 1Page - SMSC Corporation 97CFDC Datasheet HTML 2Page - SMSC Corporation 97CFDC Datasheet HTML 3Page - SMSC Corporation 97CFDC Datasheet HTML 4Page - SMSC Corporation 97CFDC Datasheet HTML 5Page - SMSC Corporation 97CFDC Datasheet HTML 6Page - SMSC Corporation 97CFDC Datasheet HTML 7Page - SMSC Corporation 97CFDC Datasheet HTML 8Page - SMSC Corporation 97CFDC Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SMSC DS – USB97CFDC
Page 5
Rev. 12/15/2000
DESCRIPTION OF PIN FUNCTIONS
FLOPPY DISK INTERFACE (14 Pins)
nTRK0
nINDEX
nWRTPRT
nDSKCHG
nRDATA
DRVDEN0
DRVDEN1
nSTEP
nWDATA
nWGATE
nHDSEL
nDIR
nDSO
nMTR0
USB INTERFACE (4 Pins)
USB+
USB-
AVDD
AGND
FLASH ROM INTERFACE (26 Pins)
FD0
FD1
FD2
FD3
FD4
FD5
FD6
FD7
FA0
FA1
FA2
FA3
FA4
FA5
FA6
FA7
FA8
FA9
FA10
FA11
FA12
FA13
FA14
FA15
nFRD
nFCE
SRAM/IO INTERFACE (24 Pins)
SD0
SD1
SD2
SD3
SD4
SD5
SD6
SD7
SA0
SA1
SA2
SA3
SA4
SA5
SA6
SA7
SA8
SA9
SA10
SA11
SA12
SA13
nMEMR
nMEMW
MISC (10 Pins)
nMEMEN
OPTEN
nDRVRDY
nFDPWR
XTAL1/CLKIN
XTAL2
nRESET
nTEST
TST_OUT
nTESTEN
POWER, GROUNDS, and NO CONNECTS (22 Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com