Electronic Components Datasheet Search
  English  ▼

X  

204GD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 204GD
Description  3.0 MM ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

204GD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  204GD Datasheet HTML 1Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 2Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 3Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 4Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 5Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
204GD
█
Reliability test items and conditions:
NO
Item
Test Conditions
Sample
size
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
3
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature Storage
TEMP : 100℃
76 PCS
5
Low Temperature Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
IF = 20mA
7
High Temperature / High
Humidity
85℃ / 85% RH
76 PCS
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
2
Page: 5 of 6
Device Number : CDLE-020-522
Prepared date:
2004/6/23
Prepared by:
Caixia wu
Test
Hours/Cycle
SEC
6
DC Operating Life
Ac/Re
0/1
0/1
0/1
0/1
0/1
0/1
0/1
76 PCS
300 CYCLES
300 CYCLES
1000 HRS
1000 HRS
1000 HRS
1000 HRS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com