Electronic Components Datasheet Search
  English  ▼

X  

GD25Q64C Datasheet(PDF) 16 Page - ELM Electronics

Part # GD25Q64C
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q64C Datasheet(HTML) 16 Page - ELM Electronics

Back Button GD25Q64C Datasheet HTML 12Page - ELM Electronics GD25Q64C Datasheet HTML 13Page - ELM Electronics GD25Q64C Datasheet HTML 14Page - ELM Electronics GD25Q64C Datasheet HTML 15Page - ELM Electronics GD25Q64C Datasheet HTML 16Page - ELM Electronics GD25Q64C Datasheet HTML 17Page - ELM Electronics GD25Q64C Datasheet HTML 18Page - ELM Electronics GD25Q64C Datasheet HTML 19Page - ELM Electronics GD25Q64C Datasheet HTML 20Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
Rev.1.1
50 -
http://www.elm-tech.com
GD25Q64CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Figure 4. Write Enable for Volatile Status Register Sequence Diagram
CS#
SCLK
Command(50H)
SI
SO
0 1 2 3 4 5 6 7
High-Z
7.5. Write Status Register (WRSR) (01H or 31H or 11H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it
can be accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable
(WREN) command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S23, S20, S19, S18, S17, S16, S15, S10, S1
and S0 of the Status Register. CS# must be driven high after the eighth of the data byte has been latched in.
If not, the Write Status Register (WRSR) command is not executed. As soon as CS# is driven high, the self-
timed Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in
progress, the Status Register may still be read to check the value of the Write In Progress (WIP) bit. The Write
In Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is completed. When
the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4,
BP3, BP2, BP1 and BP0) bits, to define the size of the area that is to be treated as read-only, as defined in
Table1. The Write Status Register (WRSR) command also allows the user to set or reset the Status Register
Figure 5. Read Status Register Sequence Diagram
7.4. Read Status Register (RDSR) (05H or 35H or 15H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may be read
at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one of these cycles
is in progress, it is recommended to check the Write In Progress (WIP) bit before sending a new command to
the device. It is also possible to read the Status Register continuously. For command code “05H”“35H”“15H”,
the SO will output Status Register bits S7~S0 / S15~S8 / S16~S23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com