Electronic Components Datasheet Search
  English  ▼

X  

M52743SP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M52743SP
Description  I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52743SP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M52743SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52743SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MITSUBISHI ICs (Monitor)
M52743SP/M52744SP
I2C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
3
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)
ELECTRICAL CHARACTERISTICS (VCC=12V, 5V, Ta=25
°C, unless otherwise noted)
Symbol
Parameter
Ratings
Unit
VCC
Supply voltage
13.0
V
Pd
Power dissipation
2403
mW
Topr
Ambient temperature
-20 to +75
°C
Tstg
Storage temperature
-40 to +150
°C
Vopr
Recommended supply
12.0
V
Vopr’
Voltage range
10.5 to 12.5
V
θjc
Case temperature
22
°C/W
Symbol
Parameter
Test
point
(s)
Input
CTL
voltage
BUS CTL (H)
Limits
Unit
2,6,11
RGB
in
1
OSD
BLK
4,9,13
OSD
in
19
CP in
27
ReT
BLK
7
SOG
in
30
Bri-
ght
15
ABL
00H
Main
cont
01H
Sub
cont
1
02H
Sub
cont
2
03H
Sub
cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
Min. Typ. Max.
ICC1
Circuit
current1
IA
aa
a
b
SG5
a
a
4.0 5.0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
110 130
mA
ICC2
Circuit
current2
IB
aa
a
b
SG5
a
a
4.0 5.0
18
22
mA
Vomax
Output
dynamic range
OUT
b
SG2
aa
b
SG5
aa
Vari
able
5.0
6.0
8.0
VP-P
Vimax
Maximum
input
IN
OUT
b
SG2
Variable
aa
b
SG5
a
a
2.0 5.0
64H
100
1.6
−−
VP-P
Gv
Maximum
gain
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
FFH
255
16.5 17.7 19.7
dB
∆Gv
Relative max-
imum gain
−−−
− −
0.8
1.0
1.2
VC1
Main contrast
control
characteristics1
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
C8H
200
14.5 16.0 17.5
dB
∆VC1
Main contrast
control relative
characteristics1
−−−
− −
0.8
1.0
1.2
VC2
Main contrast
control
characteristics2
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
64H
100
8.5 10.0 11.5
dB
∆VC2
Main contrast
control relative
characteristics2
−−−
− −
0.8
1.0
1.2
VC3
Main contrast
control
characteristics3
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
14H
20
0.2
0.4
0.6
VP-P
∆VC3
Main contrast
control relative
characteristics3
−−−
− −
0.8
1.0
1.2
VSC1
Sub contrast
control
characteristics1
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
FFH
255
C8H
200
C8H
200
C8H
200
14.8 16.3 17.8
dB
∆VSC1
Sub contrast
control relative
characteristics1
− −−−−
0.8
1.0
1.2
VSC2
S
ub contrast
control
characteristics2
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
FFH
255
64H
100
64H
100
64H
100
11.1 12.6 14.1
dB
∆VSC2
Sub contrast
control relative
characteristics2
− −−−−
0.8
1.0
1.2
VSC3
Sub contrast
control
characteristics3
OUT
b
SG1
aa
b
SG5
a
a
2.0 5.0
FFH
255
14H
20
14H
20
14H
20
1.4
1.7
2.0
VP-P
∆VSC3
Sub contrast
control relative
characteristics3
− −−−−
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com