Electronic Components Datasheet Search
  English  ▼

X  

WM8738 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8738
Description  WM8738 Evaluation Board User Handbook
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8738 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8738 Datasheet HTML 7Page - Cirrus Logic WM8738 Datasheet HTML 8Page - Cirrus Logic WM8738 Datasheet HTML 9Page - Cirrus Logic WM8738 Datasheet HTML 10Page - Cirrus Logic WM8738 Datasheet HTML 11Page - Cirrus Logic WM8738 Datasheet HTML 12Page - Cirrus Logic WM8738 Datasheet HTML 13Page - Cirrus Logic WM8738 Datasheet HTML 14Page - Cirrus Logic WM8738 Datasheet HTML 15Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
WM8738-EV1M
WOLFSON MICROELECTONICS LTD
Rev 2.1 August 2002
13
WM8738-EV1B BILL OF MATERIAL
Description
REF-DES
QTY
10uF 6.3 Dia 2.5 pitch Oscon Through Hole Cap. 16V 20%
C4 C6-7 C9 C13 C17 C51 C55-56
9
1uF 4 Dia 2 pitch Oscon Through Hole Cap. 25V 20%
C22 C48
2
0.01uF 0805 SMD Ceramic Capacitor 50V X7R
C50
1
0.1uF 0805 SMD Ceramic Capacitor 50V X7R
C1-3 C5 C8 C10-12 C14 C16 C18-20 C23 C27
C32-38 C40 C43-44
25
180pF 0805 SMD Ceramic Capacitor 50V NPO
C29 C41
2
1nF 0805 SMD Ceramic Capacitor 50V NPO
C24 C39
2
220pF 0805 SMD Ceramic Capacitor 50V X7R
C31 C47 C58 C59
4
820pF 0805 SMD Ceramic Capacitor 50V NPO
C30 C46
2
82nF 0805 SMD Ceramic Capacitor 25V X7R
C49
1
1uF 1206 SMD Ceramic Capacitor 16V X7R
C25 C52 C53 C61
4
2.2nF 1206 SMD Ceramic Capacitor 50V NPO
C42
1
4.7nF 1206 SMD Ceramic Capacitor 50V COG
C21 C26 C54 C62
4
2x5 2.54mm Male PCB Header LoPro VERTICAL
J4
1
1x8 2.54mm pitch PCB Pin Header VERTICAL
J11 J15
2
2x6 2.54mm pitch PCB Pin Header VERTICAL
H1-2
2
JSK9-16-G0 PCB 1x3 Jumper Switch 0.1" Center-off VERTICAL
SW3-6 SW8-9
6
4mm Non-Insulated Panel Socket 16A
J1-3 J5-7 J10
7
Phono Socket PCB mount BLACK
J8
1
Phono Socket PCB mount RED
J13 J16
2
Phono Socket PCB mount WHITE
J12 J17
2
Phono Socket PCB mount YELLOW
J14
1
SMB Connector PCB Mount 50 Ohm VERTICAL
J9
1
CD8427 96KHz Audio Transceiver
U3
1
DS1813 5V active Low Power-On-Reset chip SOT
U7
1
0R 1206 Resistor on 1210 Inductor site
L1-4 L6
5
3.3uH 1210 Surface Mount Inductor '1210A series'
L7
1
MC33078 Low Noise Dual Op-Amp SO
U5
1
0R 0805 SMD chip resistor 1% 0.1W
R2 R4 R5 R7 R12 R16 R42
7
100K 0805 SMD chip resistor 1% 0.1W
R20 R29 R39
3
10K 0805 SMD chip resistor 1% 0.1W
R1 R3 R6 R8 R21
5
47K 0805 SMD chip resistor 1% 0.1W
R13 R15 R17 R19 R23-24 R26 R30-33 R35
12
5k1 0805 SMD chip resistor 1% 0.125W
R34
1
620R 0805 SMD chip resistor 1% 0.1W
R11
1
680R 0805 SMD chip resistor 1% 0.1W
R22 R41 R45 R48
4
75R 0805 SMD chip resistor 1% 0.125W
R40
1
8K2 0805 SMD chip resistor 1% 0.1W
R25 R27-28 R36-38
6
SN74LVCC4245A Octal Dual Supply(5V, 3-5V) Transceiver SO
U2 U6
2
DIL Switch 4-Way Rocker
SW7
1
DIL Switch 6-Way Rocker
SW1
1
B3F1000 SPNO PCB mount switch
SW2
1
1.32mm PCB Test Terminal BLACK
TP1-6
6
2:1 Ratio 96KHz SPDIF Digital Audio transformer SOIC
T1
1
WM8738 Stereo ADC
U4
1
XC9536XL-15 3.3V 36 macrocell CPLD
U1
1
Note:
1 The audio transformer (T1) used on this board is manufactured by Scientific Conversion
Inc. (www.scientificonversion.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com