Electronic Components Datasheet Search
  English  ▼

X  

WM8775 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8775
Description  24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8775 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8775 Datasheet HTML 28Page - Cirrus Logic WM8775 Datasheet HTML 29Page - Cirrus Logic WM8775 Datasheet HTML 30Page - Cirrus Logic WM8775 Datasheet HTML 31Page - Cirrus Logic WM8775 Datasheet HTML 32Page - Cirrus Logic WM8775 Datasheet HTML 33Page - Cirrus Logic WM8775 Datasheet HTML 34Page - Cirrus Logic WM8775 Datasheet HTML 35Page - Cirrus Logic WM8775 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
WM8775
Production Data
w
PD, Rev 4.4, October 2008
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
0000111
Timeout Clock
Disable
3
TOD
0
ADC Analogue PGA Zero cross detect timeout disable
0 : Timeout enabled
1: Timeout disabled
1:0
ADCFMT[1:0]
10
Interface format select
00: right justified mode
01: left justified mode
10: I
2S mode
11: DSP mode
ADCLRC Polarity or DSP mode A/B select
2
ADCLRP
0
In left/right/ I
2S modes:
ADCLRC Polarity (normal)
0 : normal ADCLRC polarity
1: inverted ADCLRC polarity
DSP Mode
0: DSP mode A
1: DSP mode B
3
ADCBCP
0
BITCLK Polarity
0: Normal - ADCLRC sampled on rising edge of BCLK;
DOUT changes on falling edge of BCLK.
1: Inverted - ADCLRC sampled on falling edge of BCLK;
DOUT changes on rising edge of BCLK.
5:4
ADCWL[1:0]
10
Input Word Length
00: 16-bit Mode
01: 20-bit Mode
10: 24-bit Mode
11: 32-bit Mode (not supported in right justified mode)
6
ADCMCLK
0
ADCMCLK Polarity
0 : non-inverted
1: inverted
R11 (0Bh)
0001011
Interface
Control
8
ADCHPD
0
ADC High pass Filter Disable:
0: High pass Filter enabled
1: High pass Filter disabled
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC ratio select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
3
ADCOSR
0
ADC oversample rate select
0: 128x oversampling
1: 64x oversampling
12 (0Ch)
0001100
Master Mode
Control
8
ADCMS
0
Maser/Slave interface mode select
0: Slave Mode – ADCLRC and BCLK are inputs
1: Master Mode – ADCLRC and BCLK are outputs
0
PWDN
0
Chip Powerdown Control (works together with ADCD):
0: All circuits running, outputs are active
1: All circuits in power save mode, outputs muted
1
ADCPD
0
ADC powerdown:
0: ADC enabled
1: ADC disabled
R13 (0Dh)
0001101
Powerdown
Control
6
AINPD
0
Input mux and buffer powerdown
0: Input mux and buffer enabled
1: Input mux and buffer powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com