Electronic Components Datasheet Search
  English  ▼

X  

WM8781 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8781
Description  24-Bit, 192kHz Stereo ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8781 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8781 Datasheet HTML 9Page - Cirrus Logic WM8781 Datasheet HTML 10Page - Cirrus Logic WM8781 Datasheet HTML 11Page - Cirrus Logic WM8781 Datasheet HTML 12Page - Cirrus Logic WM8781 Datasheet HTML 13Page - Cirrus Logic WM8781 Datasheet HTML 14Page - Cirrus Logic WM8781 Datasheet HTML 15Page - Cirrus Logic WM8781 Datasheet HTML 16Page - Cirrus Logic WM8781 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Production Data
WM8781
w
PD, January 2012, Rev 4.5
13
MASTER CLOCK AND AUDIO SAMPLE RATES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock (MCLK). The external master system clock can be applied directly through the MCLK
input pin. In a system where there are a number of possible sources for the reference clock it is
recommended that the clock source with the lowest jitter be used to optimise the performance of the
ADC.
The master clock is used to operate the digital filters and the noise shaping circuits. The WM8781
supports master clocks of 128fs, 192fs, 256fs, 384fs, 512fs and 768fs, where fs is the audio sampling
frequency (LRCLK). In Slave Mode, the WM8781 automatically detects the audio sample rate. In
Master Mode, LRCLK is generated for rate 384fs, unless the user changes this to 192fs using the
FSAMPEN pin = z (see Table 7 below). BCLK is also generated in Master Mode, where BCLK=64fs.
Table 6 shows the common MCLK frequencies for different sample rates.
SAMPLING RATE
(LRCLK)
Master Clock Frequency (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
8kHz
1.024
1.536
2.048
3.072
4.096
6.144
16kHz
2.048
3.072
4.096
6.144
8.192
12.288
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
-
-
192kHz
24.576
36.864
-
-
-
-
Table 6 Master Clock Frequency Selection
In Slave mode, the WM8781 has a master detection circuit that automatically determines the
relationship between the master clock frequency and the sampling rate (to within +/- 32 system
clocks). If there is a greater than 32 clocks error the interface sets itself to the highest rate available
(768fs). There must be a fixed number of MCLKS per LRCLK, although the WM8781 is tolerant of
phase variations or jitter on these clocks.
The WM8781 can operate at sample rates from 8kHz to 192kHz. The WM8781 uses a sigma-delta
modulator that operates at a fixed frequency of 6.144MHz (128 x LRCLK oversampling @ 48kHz
sampling rate). For correct operation of the device and optimal performance, the user must set the
appropriate ADC modulator sampling rate enable.
In both Master and Slave Modes, it is
recommended that for 96kHz the user sets FSAMPEN to 1, and for 192kHz set FSAMPEN to z. For
Master Mode 192kHz, FSAMPEN set to z is a requirement.
PIN
DESCRIPTION
M/S
Master/Slave Selection
0 = Slave Mode (128fs, 192fs,
256fs, 384fs, 512fs, 768fs)
1= Master Mode (384fs, 192fs
when FSAMPEN=z)
FSAMPEN
Fast sampling rate enable
0 = 48kHz enable (128x OSR)
1 = 96kHz enable (64x OSR)
z = 192kHz enable (32x OSR)
Table 7 Master/Slave and Sampling Rate Enable Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com