Electronic Components Datasheet Search
  English  ▼

X  

XC62GP3012PR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC62GP3012PR
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP3012PR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC62GP3012PR Datasheet HTML 4Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 5Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 6Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 7Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 8Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 9Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 10Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 11Page - Torex Semiconductor XC62GP3012PR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
XC62G Series
322
3
■Typical Performance Characteristics
(3) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
0.0
0.4
0.2
0.6
0.8
1.0
0
20
40
60
80
100 120 140 160 180
Output Current:IOUT(mA)
XC62GR5012(5V)
Topr=25℃
80℃
−30℃
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
0.0
0.4
0.2
0.6
0.8
1.0
0
20
40
60
80
100 120 140 160 180
Output Current:IOUT(mA)
XC62GR3012(3V)
Topr=25℃
80℃
−30℃
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
4.7
4.8
4.9
5.0
5.1
0
20
40
60
80
100 120 140 160 180
Output Current:IOUT(mA)
XC62GR5012(5V)
Topr=25℃
80℃
−30℃
VIN=6V
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
2.7
2.8
2.9
3.0
3.1
0
20
40
60
80
100 120 140 160 180
Output Current:IOUT(mA)
XC62GR3012(3V)
Topr=25℃
80℃
−30℃
VIN=4V
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
4.2
4.4
4.6
4.8
5.0
5.2
4.5
5
5.5
Input Voltage:VIN(V)
XC62GR5012(5V)
IOUT=1mA
10mA
40mA
Topr=25℃
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
4.85
4.90
4.95
5.00
5.05
5.10
58
9
67
10
Input Voltage:VIN(V)
XC62GR5012(5V)
IOUT=1mA,10mA
40mA
Topr=25℃
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
2.2
2.4
2.6
2.8
3.0
3.2
2.5
3
3.5
Input Voltage:VIN(V)
XC62GR3012(3V)
IOUT=1mA
40mA
10mA
Topr=25℃
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
2.85
2.90
2.95
3.00
3.05
3.10
3456789
10
Input Voltage:VIN(V)
XC62GR3012(3V)
IOUT=1mA,10mA
40mA
Topr=25℃
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
03S_07XC62G 02.9.12 3:04 PM ページ 322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com