Electronic Components Datasheet Search
  English  ▼

X  

XC62GP5012PR Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC62GP5012PR
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP5012PR Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC62GP5012PR Datasheet HTML 5Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 6Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 7Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 8Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 9Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 10Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 11Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 12Page - Torex Semiconductor XC62GP5012PR Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
XC62G
Series
327
3
(11) CE PIN TRANSIENT RESPONSE
CE Pin Input Voltage
CE=1.5V
CE=0.25V
0
2
1
3
6
5
4
7
8
Time(0.1msec/div)
XC62GR5012(5V)
VIN=6V
IOUT=1mA , CL=10
µF(tantalum)
Output Voltage
CE Pin Input Voltage
CE=1.5V
CE=0.25V
0
2
1
3
6
5
4
7
8
Time(0.1msec/div)
XC62GR5012(5V)
VIN=6V
IOUT=10mA , CL=10
µF(tantalum)
Output Voltage
(12) RIPPLE REJECTION RATE
Output Voltage
CE Pin Input Voltage
CE=1.5V
CE=0.25V
0
2
1
3
5
4
6
Time(0.1msec/div)
XC62GR3012(3V)
VIN=4V
IOUT=1mA , CL=10
µF(tantalum)
Output Voltage
CE Pin Input Voltage
CE=1.5V
CE=0.25V
0
2
1
3
5
4
6
Time(0.1msec/div)
XC62GR3012(3V)
VIN=4V
IOUT=10mA , CL=10
µF(tantalum)
0
40
30
20
10
50
70
60
80
XC62GR5012(5V)
VIN=6VDC+1Vp−pAC
IOUT=40mA , CL=10
µF(tantalum)
0.01
0.1
1
10
Ripple Frequency:f(kHz)
0
40
30
20
10
50
70
60
80
XC62GR5022(5V HIGH SPEED)
VIN=6VDC+1Vp−pAC
IOUT=40mA , CL=10
µF(tantalum)
0.01
0.1
1
10
Ripple Frequency:f(kHz)
0
40
30
20
10
50
70
60
80
XC62GR3012(3V)
VIN=4VDC+1Vp−pAC
IOUT=40mA , CL=10
µF(tantalum)
0.01
0.1
1
10
Ripple Frequency:f(kHz)
0
40
30
20
10
50
70
60
80
Ripple Frequency:f(kHz)
XC62GR3022(3V HIGH SPEED)
VIN=4VDC+1Vp−pAC
IOUT=40mA , CL=10
µF(tantalum)
0.01
0.1
1
10
03S_07XC62G 02.9.12 3:04 PM ページ 327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com