Electronic Components Datasheet Search
  English  ▼

X  

72413 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 72413
Description  Dual N-Channel 2.5-V (G-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72413 Datasheet(HTML) 2 Page - Vishay Siliconix

  72413 Datasheet HTML 1Page - Vishay Siliconix 72413 Datasheet HTML 2Page - Vishay Siliconix 72413 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si9926BDY
Vishay Siliconix
www.vishay.com
Document Number: 72413
2
01-Jun-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.96
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
394
A
VGS = 4.5 V, ID = 8.2 A
0.015
0.016
Drain-Source On-State Resistance
a
rDS(on)
VGS = 2.5 V, ID = 3.3 A
0.022
0.024
Ω
Forward Transconductance
a
gfs
VDS = 15 V, ID = 8.2 A
26
29
S
Forward Voltage
a
VSD
IS = 1.7 A, VGS = 0 V
0.80
0.80
V
Dynamic
b
Total Gate Charge
Qg
10
11
Gate-Source Charge
Qgs
2.5
2.5
Gate-Drain Charge
Qgd
VDS = 10 V, VGS = 4.5 V, ID = 8.2 A
3.2
3.2
nC
Turn-On Delay Time
td(on)
50
35
Rise Time
tr
32
50
Turn-Off Delay Time
td(off)
24
31
Fall Time
tf
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
14
15
ns
Notes
a.
Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com