Electronic Components Datasheet Search
  English  ▼

X  

XZCB14X160S Datasheet(PDF) 2 Page - SunLED Corporation

Part # XZCB14X160S
Description  White ceramic package with silicone resin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZCB14X160S Datasheet(HTML) 2 Page - SunLED Corporation

  XZCB14X160S Datasheet HTML 1Page - SunLED Corporation XZCB14X160S Datasheet HTML 2Page - SunLED Corporation XZCB14X160S Datasheet HTML 3Page - SunLED Corporation XZCB14X160S Datasheet HTML 4Page - SunLED Corporation XZCB14X160S Datasheet HTML 5Page - SunLED Corporation XZCB14X160S Datasheet HTML 6Page - SunLED Corporation XZCB14X160S Datasheet HTML 7Page - SunLED Corporation XZCB14X160S Datasheet HTML 8Page - SunLED Corporation XZCB14X160S Datasheet HTML 9Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Part Number: XZCB14X160S
3.45X3.45mm SMD LED WITH CERAMIC SUB-
STRATE
Sep 17, 2016
XDSB7939 V4-Z Layout: Maggie L.
P. 2/9
Flux Characteristics at 350mA Ambient Temperature, Ta = 25°C
Electrical / Optical Characteristics at TA = 25°C
Absolute Maximum Ratings at TA = 25°C
Notes:
1.Wavelength: +/-1nm.
2.Forward Voltage : + / - 0.1V.
*Wavelength is in accordance with CIE127-2007 standards.
Notes:
1. Results from mounting on metal core PCB, mounted on pc board-metal core PCB is recommend for lowest thermal resistance.
2. 1/10 Duty Cycle, 0.1ms Pulse Width.
3. A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process
(Reference JEDEC/JESD625-A and JEDEC/J-STD-033).
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/Luminous flux: +/-15%.
*Luminous flux is in accordance with CIE127-2007 standards.
Part
Number
Emitting Color
(Material)
Lens-color
Φv (lm) [2]
CIE127-2007*
(IF=350mA)
Viewing
Angle
2θ1/2 [1]
Code.
Min.
Max.
typ.
XZCB14X160S
Blue (InGaN)
Water Clear
B4*
17*
20*
23.7*
120
°
B5*
20*
24*
B6*
24*
29*
B7*
29*
35*
Parameter
Symbol
Value
Unit
Wavelength at peak emission CIE127-2007* IF = 350mA [Typ.]
λ peak
455*
nm
Dominant Wavelength CIE127-2007* IF = 350mA [Typ.]
λ dom [1]
460*
nm
Spectral bandwidth at 50%
Φ REL MAX IF = 350mA [Typ.]
Δλ
25
nm
Allowable Reverse Current [Max.]
IR
85
mA
VF [2]
V
Forward Voltage IF = 350mA [Typ.]
3.3
Forward Voltage IF = 350mA [Max.]
4.0
Temperature coefficient of
λ peak
IF = 350mA, -10
°C ≤ T ≤ 100°C [Typ.]
TC λ peak
0.06
nm/°C
Temperature coefficient of
λ dom
IF = 350mA, -10
°C ≤ T ≤100°C [Typ.]
TC λ dom
0.03
nm/°C
Temperature coefficient of VF
IF = 350mA, -10
°C ≤ T ≤ 100°C [Typ.]
TCV
-2.3
mV/°C
Forward Voltage IF = 350mA [Min.]
2.8
Parameter
Symbol
Value
Unit
DC Forward Current [1]
IF
700
mA
Peak Forward Current [2]
IFM
1000
mA
Reverse Voltage
VR
5
V
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +110
°C
Junction temperature[1]
TJ
110
°C
Thermal resistance [1] (Junction/ambient)
Rth j-a
30
°C/W
Thermal resistance [1] (Junction/solder point)
Rth j-s
15
°C/W
Power dissipation
PD
2.8
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com