Electronic Components Datasheet Search
  English  ▼

X  

83143 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 83143
Description  High Intensity SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

83143 Datasheet(HTML) 4 Page - Vishay Siliconix

  83143 Datasheet HTML 1Page - Vishay Siliconix 83143 Datasheet HTML 2Page - Vishay Siliconix 83143 Datasheet HTML 3Page - Vishay Siliconix 83143 Datasheet HTML 4Page - Vishay Siliconix 83143 Datasheet HTML 5Page - Vishay Siliconix 83143 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83143
Rev. 1.7, 31-Aug-04
VISHAY
TLMW310.
Vishay Semiconductors
Figure 9. Forward Voltage vs. Ambient Temperature
Figure 10. Rel. Luminous Intensity vs. Angular Displacement
Figure 11. Coordinates of Colorgroups
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
16199
Tamb - Ambient Temperature ( ° C)
0 1020
30 40506070 80 90 100
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.20
0.25
0.30
0.35
0.40
0.45
0.50
16284
Coordinates of Colorgroups
a = 20000K
b = 10000K
c = 7000K
d = 6000K
e = 5000K
f =
4000K
a
b
c
d
e
f
3
4
5
.
.
A
D65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com