Electronic Components Datasheet Search
  English  ▼

X  

98984 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 98984
Description  HiPerFET Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

98984 Datasheet(HTML) 1 Page - IXYS Corporation

  98984 Datasheet HTML 1Page - IXYS Corporation 98984 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
550
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
550
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C
= 25
°C60
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
240
A
I
AR
T
C
= 25
°C60
A
E
AR
T
C
= 25
°C75
mJ
E
AS
T
C
= 25
°C
4.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
20
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
735
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.9/6 Nm/lb.in.
Weight
PLUS-247
6
g
TO-264
10
g
HiPerFETTM
Power MOSFETs
Q-Class
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low Q
g
Low intrinsic R
g, low trr
Features
Double metal process for low gate
resistance
International standard packages
Epoxy meet UL 94 V-0, flammability
classification
Avalanche energy and current rated
Fast intrinsic Rectifier
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3mA
550
V
V
GS(th)
V
DS
= V
GS, ID = 8 mA
2.0
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±200
nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C50 µA
V
GS
= 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 • ID25
88 m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
G = Gate
D = Drain
S = Source
TAB = Drain
DS98984(12/02)
TO-264 AA (IXFK)
S
G
D
D (TAB)
V
DSS
=
550 V
I
D25
=
60 A
R
DS(on)
=
88 m
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
IXFK 60N55Q2
IXFX 60N55Q2
PLUS 247TM (IXFX)
G
D
D (TAB)
Advanced Technical Information


Similar Part No. - 98984

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9898 BELDEN-9898 Datasheet
143Kb / 2P
Transceiver 10BASE5, #28-3pr, #24-3c, PO, Isolated Shields, PVC Jkt, CM
05-05-2023
9898.E4X1000 BELDEN-9898.E4X1000 Datasheet
143Kb / 2P
Transceiver 10BASE5, #28-3pr, #24-3c, PO, Isolated Shields, PVC Jkt, CM
05-05-2023
logo
Advantech Co., Ltd.
9898007100E ADVANTECH-9898007100E Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
9898007100E ADVANTECH-9898007100E Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
logo
Molex Electronics Ltd.
98982-1010 MOLEX11-98982-1010 Datasheet
43Kb / 1P
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
More results

Similar Description - 98984

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com