Electronic Components Datasheet Search
  English  ▼

X  

99227 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 99227
Description  PolarHV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99227 Datasheet(HTML) 1 Page - IXYS Corporation

  99227 Datasheet HTML 1Page - IXYS Corporation 99227 Datasheet HTML 2Page - IXYS Corporation 99227 Datasheet HTML 3Page - IXYS Corporation 99227 Datasheet HTML 4Page - IXYS Corporation 99227 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
500
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C13
A
I
DM
T
C = 25°C, pulse width limited by TJM
78
A
I
AR
T
C = 25°C26
A
E
AR
T
C = 25°C40
mJ
E
AS
T
C = 25°C
1.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
10
V/ns
T
J ≤ 150°C, RG = 4 Ω
P
D
T
C = 25°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS, t = 1, leads-to-tab
2500
V~
F
C
Mounting Force
11..65/2.5..15
N/lb
Weight
2g
G = Gate
D = Drain
S = Source
DS99227(10/04)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS = 0 V, ID = 250 µA
500
V
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS = 10 V, ID = IT
260
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
PolarHVTM
Power MOSFET
V
DSS
= 500
V
I
D25
=13
A
R
DS(on) =
260 m
Ω
Ω
Ω
Ω
Ω
Electrically Isolated Tab,
N-Channel Enhancement Mode,
Avalanche Rated
ISOPLUS220TM
(IXTC)
E153432
Advanced Technical Information
G
D
S
Isolated Tab
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly
Space savings
High power density
IXTC 26N50P


Similar Part No. - 99227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99227 ETC2-99227 Datasheet
715Kb / 4P
AC LED Technology by Lynk Labs
More results

Similar Description - 99227

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
ITXP1R6N50P IXYS-ITXP1R6N50P Datasheet
119Kb / 4P
PolarHV Power MOSFET
IXTA3N50P IXYS-IXTA3N50P Datasheet
236Kb / 5P
PolarHV Power MOSFET
IXTP10N60PM IXYS-IXTP10N60PM Datasheet
53Kb / 2P
PolarHV Power MOSFET
IXFH16N80P IXYS-IXFH16N80P Datasheet
207Kb / 5P
PolarHV Power MOSFET
IXTH36N50P IXYS-IXTH36N50P Datasheet
384Kb / 5P
PolarHV Power MOSFET
IXTQ44N50P IXYS-IXTQ44N50P Datasheet
154Kb / 5P
PolarHV Power MOSFET
IXTH26N60P IXYS-IXTH26N60P Datasheet
236Kb / 5P
PolarHV Power MOSFET
IXTP8N50PM IXYS-IXTP8N50PM Datasheet
112Kb / 2P
PolarHV Power MOSFET
IXTI10N60P IXYS-IXTI10N60P Datasheet
246Kb / 4P
PolarHV Power MOSFET
IXTT26N50P IXYS-IXTT26N50P Datasheet
343Kb / 5P
PolarHV Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com