Electronic Components Datasheet Search
  English  ▼

X  

DM128128A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM128128A
Description  128X128 DOTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM128128A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM128128A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2001
ORIENT DISPLAY
D
DM128128A
MECHANICAL SPECIFICATIONS
All dimensions in mm. Tolerance +0.3mm unless otherwise specified.
PIN ASSIGNMENT
ELECTRICAL CHARACTERISTICS(Ta=25C, Vdd=5V+0.25V)
-
ABSOLUTE MAXIMUM RATINGS
* CONTROLLER
T6963C
Gray STN
B/W FSTN
OPTIONS
Yellow/Green
* LCD PANEL
DOTS
128X128
* FOR LED BACKLIGHT
48S
SEGMENT
POWER
VSS
128 X 128 DOTS
LED BACKLIGHT
K
LED A
VEE
VDD
A
R
CIRCUIT
SUPPLY
COMMON
DRIVER
60C
C/D
/ce
FS
FG
DB0-DB7
/RST
T6963C
/RD
/CE
/WR
r/w
d0-d7
ad0-ad15
SEGMENT
LCD PANEL
80S
DRIVER
COMMON
68C
DRIVER
DRIVER
SRAM
64K BITS
T1=11.0MAX T2=6.0MAX
* FOR EL OR NO BACKLIGHT
T1=14.0MAX T2=9.0MAX
A
A
PITCH 2.54
1
2
21
22


Similar Part No. - DM128128A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
Mica Capacitors
logo
Danisense A/S
DM1200ID DANISENSE-DM1200ID Datasheet
463Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2023 05 04
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DM1200UB-10V DANISENSE-DM1200UB-10V Datasheet
509Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1320A
2022-11-29
DM1200UB-1V DANISENSE-DM1200UB-1V Datasheet
525Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2022-11-29
More results

Similar Description - DM128128A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG12864H ETC-SG12864H Datasheet
139Kb / 1P
128 DOTS X 64 DOTS
SG320240D ETC1-SG320240D Datasheet
49Kb / 2P
SG320240D (320 DOTS X 240 DOTS)
SG19232C ETC1-SG19232C Datasheet
100Kb / 1P
12 DOTS X 2 DOTS
SG160160B ETC1-SG160160B Datasheet
109Kb / 2P
160 DOTS X160 DOTS
SG16036A ETC1-SG16036A Datasheet
118Kb / 1P
160 DOTS X 36 DOTS
logo
Hantronix,Inc
HDR128128 HANTRONIX-HDR128128 Datasheet
96Kb / 9P
128x128 GRAPHICS OLED DISPLAY MODULE
logo
List of Unclassifed Man...
SG12864I ETC2-SG12864I Datasheet
49Kb / 2P
128 DOTS X 64 DOTS
SG12864J ETC2-SG12864J Datasheet
43Kb / 2P
( 128 DOTS X 64 DOTS )
logo
ShenZhen Jing Handa Ele...
JHD128128 JHD-JHD128128 Datasheet
259Kb / 1P
128X128 DOTS
JHD12232A JHD-JHD12232A Datasheet
260Kb / 1P
122X32 DOTS OR 122X16 122X16 DOTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com