Electronic Components Datasheet Search
  English  ▼

X  

XC62GP3011PL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC62GP3011PL
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP3011PL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC62GP3011PL Datasheet HTML 1Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 2Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 3Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 4Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 5Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 6Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 7Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 8Page - Torex Semiconductor XC62GP3011PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
XC62G Series
318
3
■Marking
■Absolute Maximum Ratings
■Block Diagram
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)
1 2 3 4
q Represents the integer of the Output Voltage
R TYPE POSITIVE
VOLTAGE LOGIC
SYMBOL
A
VOLTAGE(V)
P TYPE NEGATIVE
VOLTAGE LOGIC
SYMBOL
VOLTAGE(V)
0.w
A
–
0.w
H
6.w
H
–
6.w
F
5.w
F
–
5.w
E
4.w
E
–
4.w
D
3.w
D
–
3.w
C
2.w
C
–
2.w
B
1.w
B
–
1.w
w Represents the decimal number of the Output Voltage
SYMBOL
A
B
C
D
E
F
H
K
L
M
q.0
q.1
q.2
q.3
q.4
q.5
q.6
q.7
q.8
q.9
VOLTAGE(V)
SYMBOL
VOLTAGE(V)
e Represents the transition response
r Represents the assembly lot no.
0-9,A-Z repeated (G, I, J, O, Q, W excepted)
SYMBOL
TRANSITION RESPONSE
-
REGULAR
+
HIGH SPEED
VOUT
VIN
CE
VSS
+
-
Current
Limit
Voltage
Reference
Output
Control
PARAMETER
Input Voltage
Output Current
Output Voltage
CE Input Voltage
SOT-25
Continuous Total
Power Dissipation
SOT-89-5
Operating Ambient Temperature
Storage Temperature
SYMBOL
VIN
IOUT
VOUT
VCE
Pd
Pd
Topr
Tstg
RATINGS
12
500
VSS-0.3~VIN+0.3
VSS-0.3~VIN+0.3
150
500
-30~+80
-40~+125
UNITS
V
mA
V
V
mW
°C
°C
Ta=25
°C
IOUT must be less than Pd/(VIN-VOUT)
Note:
03S_07XC62G 02.9.12 3:04 PM ページ 318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com