Electronic Components Datasheet Search
  English  ▼

X  

ES3KC Datasheet(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # ES3KC
Description  SMC Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

ES3KC Datasheet(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  ES3KC Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd ES3KC Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd ES3KC Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd ES3KC Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Electrical Characteristics (T =25℃Unless otherwise specified)
pad areas
Notes:
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper
ES3K C
THRU ES3MC
Super Fast Recovery Rectifier Diode
SMC Plastic-Encapsulate Diodes
HD CK 84
SMC
Features
●Io
3A
●VRRM
800V-1000V
●High surge current capability
Applications
●Rectifier
●
: From K To M
X
Marking
Polarity: Color band denotes cathode
●
Glass passivated chip
●
ES3XC
1
H
igh Diode Semiconductor
ES3
Item
Symbol
Unit
Test Conditions
Repetitive Peak Reverse Voltage
VRRM
V
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL=100℃
3.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
100
Junction Temperature
TJ
℃
-55~+150
Storage Temperature
TSTG
℃
-55 ~ +150
V
Maximum RMS
VRMS
Voltage
K
M
800
1000
560
700
ES3
Item
Symbol
Unit
Test Condition
Peak Forward Voltage
V
F
V
I
F=3.0A
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,Irr=0.25A
35
I
RRM1
Ta =25℃
5
Peak Reverse Current
I
RRM2
μA
VRM=VRRM
Ta =100℃
50
RθJ-A
Between junction and ambient
40
1)
Thermal
Resistance(Typical)
RθJ-L
/W
℃
Between junction and terminal
12
1)
K
M
4.0


Similar Part No. - ES3KC

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ES3K GOOD-ARK-ES3K Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
SEMTECH ELECTRONICS LTD...
ES3K SEMTECH_ELEC-ES3K Datasheet
236Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Formosa MS
ES3K FORMOSA-ES3K Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
ES3K MAKOSEMI-ES3K Datasheet
379Kb / 2P
SURFACE MOUNT RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES3K YFWDIODE-ES3K Datasheet
278Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
More results

Similar Description - ES3KC

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
MURS320-SMC HDSEMI-MURS320-SMC Datasheet
1,016Kb / 4P
SMC Plastic-Encapsulate Diodes
ES5AC HDSEMI-ES5AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
SMCJ HDSEMI-SMCJ Datasheet
1Mb / 7P
SMC Plastic-Encapsulate Diodes
GS3AC HDSEMI-GS3AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
SMC Plastic-Encapsulate Diodes
RS5AC HDSEMI-RS5AC Datasheet
1,023Kb / 4P
SMC Plastic-Encapsulate Diodes
S3AC HDSEMI-S3AC Datasheet
1Mb / 4P
SMC Plastic-Encapsulate Diodes
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS420 DGNJDZ-MURS420 Datasheet
2Mb / 4P
SMC Plastic-Encapsulate Diodes
MURS320 DGNJDZ-MURS320_V01 Datasheet
2Mb / 4P
SMC Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com