Electronic Components Datasheet Search
  English  ▼

X  

ADC1031 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1031
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1031 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC1031 Datasheet HTML 6Page - National Semiconductor (TI) ADC1031 Datasheet HTML 7Page - National Semiconductor (TI) ADC1031 Datasheet HTML 8Page - National Semiconductor (TI) ADC1031 Datasheet HTML 9Page - National Semiconductor (TI) ADC1031 Datasheet HTML 10Page - National Semiconductor (TI) ADC1031 Datasheet HTML 11Page - National Semiconductor (TI) ADC1031 Datasheet HTML 12Page - National Semiconductor (TI) ADC1031 Datasheet HTML 13Page - National Semiconductor (TI) ADC1031 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10 Pin Descriptions
CCLK
The clock applied to this input controls the suc-
cessive approximation conversion time interval
The clock frequency applied to this input can be
between 700 kHz and 4 MHz
SCLK
The serial data clock input The clock applied to
this input controls the rate at which the serial
data exchange occurs and the analog sampling
time available to acquire an analog input voltage
The rising edge loads the information on the DI
pin into the multiplexer address shift register (ad-
dress register)
This address controls which
channel of the analog input multiplexer (MUX) is
selected
The falling edge shifts the data resulting from the
previous AD conversion out on DO CS and OE
enable or disable the above functions
DI
The serial data input pin The data applied to this
pin is shifted by SCLK into the multiplexer ad-
dress register The first 3 bits of data (A0 – A2)
are the MUX channel address (see the Multiplex-
er AddressChannel Assignment tables)
The
fourth bit (RL) determines the data format of the
conversion result in the conversion to be started
When RL is low the output data format is left-
justified when high it is right-justified When right-
justified six leading ‘‘0’’s are output on DO be-
fore the MSB information thus the complete con-
version result is shifted out in 16 clock periods
DO
The data output pin The AD conversion result
(D0 – D9) is output on this pin This result can be
left- or right-justified depending on the value of
RL bit shifted in on DI
SARS
This pin is an output and indicates the status of
the internal successive approximation register
(SAR) When high it signals that the AD conver-
sion is in progress This pin is set high after the
analog input sampling time (tCA) and remains
high for 41 CCLK periods When SARS goes low
the output shift register has been loaded with the
conversion result and another AD conversion
sequence can be started
CS
The chip select pin When a low is applied to this
pin the rising edge of SCLK shifts the data on DI
into the address register In the ADC1031 this pin
also functions as the OE pin
OE
The output enable pin When OE and CS are
both low the falling edge of SCLK shifts out the
previous AD conversion data on the DO pin
CH0 –
The analog inputs of the MUX A channel input is
CH7
selected by the address information at the DI pin
which is loaded on the rising edge of SCLK into
the address register
Source impedances (RS) driving these inputs
should be kept below 1 kX IfRS is greater than
1kX the sampled data comparator will not have
enough time to acquire the correct value of the
applied input voltage
The voltage applied to these inputs should not
exceed VCC or go below DGND or AGND by
more than 50 mV Exceeding this range on an
unselected channel will corrupt the reading of a
selected channel
VREFa
The positive analog voltage reference for the an-
alog inputs In order to maintain accuracy the
voltage range of VREF (VREF e VREFa b
VREFb) is 25 VDC to 50 VDC and the voltage at
VREFa cannot exceed VCC a 50 mV In the
ADC1031 VREFb is always GND
VREFb
The negative voltage reference for the analog in-
puts In order to maintain accuracy the voltage at
this pin must not go below DGND and AGND by
more than 50 mV or exceed 40% of VCC (for VCC
e
5V VREFb (max) e 2V) In the ADC1031
VREFb is internally connected to the GND pin
VCC
The power supply pin The operating voltage
range of VCC is 475 VDC to 525 VDC VCC
should be bypassed with 10 mF and 01 mF ca-
pacitors to digital ground for proper operation of
the AD converter
DGND
The digital and analog ground pins for the
AGND
ADC1034 and the ADC1038 In order to maintain
accuracy the voltage difference between these
two pins must not exceed 300 mV
GND
The digital and analog ground pin for the
ADC1031
20 Functional Description
21 DIGITAL INTERFACE
The ADC1034 and ADC1038 implement their serial inter-
face via seven digital control lines There are two clock in-
puts for the ADC1034ADC1038 The SCLK controls the
rate at which the serial data exchange occurs and the dura-
tion of the analog sampling time window The CCLK controls
the conversion time and must be continuously enabled A
low on CS enables the rising edge of SCLK to shift in the
serial multiplexer addressing data on the DI pin The first
three bits of this data select the analog input channel for the
ADC1038 and the ADC1034 (see the Channel Addressing
Tables) The following bit RL selects the output data for-
mat (right-justified or left-justified) for the conversion to be
started With CS and OE low the DO pin is active (out of
TRI-STATE) and the falling edge of SCLK shifts out the data
from the previous analog conversion When the first conver-
sion is started the data shifted out on DO is erroneous as it
depends on the state of the Parallel Load 16-Bit Shift Regis-
ter on power up which is unpredictable
The ADC1031 implements its serial interface with only four
control pins since it has only one analog input and comes in
an eight pin mini-dip package The SCLK CCLK CS and DO
pins are available for the serial interface The output data
format cannot be selected and defaults to a left-justified
format The state of DO is controlled by CS only
22 OUTPUT DATA FORMAT
When RL is low the output data format is left-justified
when high it is right-justified When right-justified six leading
‘‘0’’s are output on DO before the MSB and the complete
conversion result is shifted out in 16 clock periods
230 CS HIGH DURING CONVERSION
With a continuous SCLK input CS must be used to synchro-
nize the serial data exchange A valid CS is recognized if it
occurs at least 100 ns (tSET-UP) before the rising edge of
SCLK thus causing data to be input on DI If this does not
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com