Electronic Components Datasheet Search
  English  ▼

X  

XC62GP5012PL Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC62GP5012PL
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP5012PL Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC62GP5012PL Datasheet HTML 5Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 6Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 7Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 8Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 9Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 10Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 11Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 12Page - Torex Semiconductor XC62GP5012PL Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
XC62G Series
326
3
Output Voltage
Input Voltage
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time(1msec/div)
XC62GR3012(3V)
IOUT=1mA , CL=10
µF(tantalum)
Output Voltage
Input Voltage
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time(1msec/div)
XC62GR3012(3V)
IOUT=10mA , CL=10
µF(tantalum)
Output Voltage
Input Voltage
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time(1msec/div)
XC62GR3022(3V HIGH SPEED)
IOUT=1mA , CL=10
µF(tantalum)
Output Voltage
Input Voltage
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time(1msec/div)
XC62GR3022(3V HIGH SPEED)
IOUT=10mA , CL=10
µF(tantalum)
(10) LOAD TRANSIENT RESPONSE
Output Voltage
Output Voltage
4.6
4.7
4.8
5.0
4.9
5.1
5.2
0
40
80
120
160
200
240
Time(2msec/div)
XC62GR5012(5V)
VIN=6V , CL=10
µF(tantalum)
40mA
1mA
Output Voltage
Output Voltage
4.6
4.7
4.8
5.0
4.9
5.1
5.2
0
40
80
120
160
200
240
Time(2msec/div)
XC62GR5022(5V HIGH SPEED)
VIN=6V , CL=10
µF(tantalum)
40mA
1mA
Output Voltage
Output Voltage
40mA
1mA
2.6
2.7
2.8
3.0
2.9
3.1
3.2
0
40
80
120
160
200
240
Time(2msec/div)
XC62GR3012(3V)
VIN=4V , CL=10
µF(tantalum)
Output Voltage
Output Voltage
40mA
1mA
2.60
2.70
2.80
3.00
2.90
3.10
3.20
0
40
80
120
160
200
240
Time(2msec/div)
XC62GR3022(3V HIGH SPEED)
VIN=4V , CL=10
µF(tantalum)
(9) INPUT TRANSIENT RESPONSE 2
03S_07XC62G 02.9.12 3:04 PM ページ 326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com