Electronic Components Datasheet Search
  English  ▼

X  

ADS-119MM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADS-119MM
Description  12-Bit, 10MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-119MM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADS-119MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-119MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
®
®
ADS-119
2
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range 
—
±1.5
—
—
±1.5
—
—
±1.5
—
Volts
Input Resistance
300
350
—
300
350
—
300
350
—
Ω
Input Capacitance
—
6
15
—
6
15
—
6
15
pF
DIGITAL INPUT
Logic Levels
Logic "1"
+2.0
—
—
+2.0
—
—
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
—
—
+0.8
—
—
+0.8
Volts
Logic Loading "1"
—
—
+20
—
—
+20
—
—
+20
µA
Logic Loading "0"
—
—
–20
—
—
–20
—
—
–20
µA
Start Convert Positive Pulse Width Ž
—
50
—
—
50
—
—
50
—
ns
STATIC PERFORMANCE
Resolution
—
12
—
—
12
—
—
12
—
Bits
Integral Nonlinearity (fin = 10kHz)
—
±0.75
—
—
±1.0
—
—
±1.5
—
LSB
Differential Nonlinearity (fin = 10kHz)
—
±0.5
±0.95
0.95
±0.5
+1
–0.95
±0.75
+1.25
LSB
Full Scale Absolute Accuracy
—
±0.2
±0.5
—
±0.5
±0.75
—
±0.75
±1.5
%FSR
Bipolar Zero Error (Tech Note 2)
—
±0.2
±0.6
—
±0.3
±0.7
—
±0.6
±1.0
Unipolar Offset Error (Tech Note 2)
—
±0.1
±0.6
—
±0.3
±0.7
—
±0.7
±1.5
%FSR
Gain Error (Tech Note 2)
—
±0.1
±0.5
—
±0.5
±1.0
—
±1.0
±2.5
%
No Missing Codes (fin = 10kHz)
12
—
—
12
—
—
12
—
—
Bits
DYNAMIC PERFORMANCE
Peak Harmonics (–0.5dB)
dc to 1MHz
—
–70
–63
—
–70
–63
—
–69
–61
dB
1MHz to 2.5MHz
—
–70
–63
—
–70
–63
—
–69
–60
dB
2.5MHz to 5MHz
—
–70
–63
—
–70
–63
—
–67
–60
dB
Total Harmonic Distortion (–0.5dB)
dc to 1MHz
—
–69
–63
—
–69
–63
—
–68
–60
dB
1MHz to 2.5MHz
—
–68
–63
—
–68
–63
—
–67
–60
dB
2.5MHz to 5MHz
—
–68
–63
—
–67
–63
—
–66
–60
Signal-to-Noise Ratio
(w/o distortion, –0.5dB)
dc to 1MHz
66
69
—
66
69
—
63
67
—
dB
1MHz to 2.5MHz
66
69
—
66
69
—
63
66
—
dB
2.5MHz to 5MHz
66
69
—
66
69
—
63
66
—
dB
Signal-to-Noise Ratio 
(& distortion, –0.5dB)
dc to 1MHz
62
66
—
62
66
—
60
65
—
dB
1MHz to 2.5MHz
62
66
—
62
66
—
60
65
—
dB
2.5MHz to 5MHz
62
66
—
62
66
—
60
64
—
dB
Two-tone Intermodulation
Distortion (fin = 100kHz,
240kHz, fs = 1MHz, –0.5dB)
—
–72
—
—
–72
—
—
–72
—
dB
Noise
—
250
—
—
300
—
—
400
—
µVrms
Input Bandwidth (–3dB)
Small Signal (–20dB input)
—
60
—
—
60
—
—
60
—
MHz
Large Signal (–0dB input)
—
10
—
—
10
—
—
10
—
MHz
Feedthrough Rejection (fin = 5MHz)
—
76
—
—
76
—
—
76
—
dB
Slew Rate
—
±400
—
—
±400
—
—
±400
—
V/µs
Aperture Delay Time
—
5
—
—
5
—
—
5
—
ns
Aperture Uncertainty
—
3
—
—
3
—
—
3
—
ps rms
S/H Aquisition Time
(to ±0.01%FSR, 3V step)
30
35
37
30
35
37
30
35
37
ns
Overvoltage Recovery Time 
—
100
—
—
100
—
—
100
—
ns
A/D Conversion Rate
10
—
—
500
—
—
500
—
—
MHz
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+5V Supply (Pin 13, 21)
0 to +6
Volts
–5V Supply (Pin 20)
0 to –6
Volts
Digital Input (Pin 16)
–0.3 to +VDD +0.3
Volts
Analog Input (Pin 19)
±5
Volts
Lead Temp (10 seconds)
+300
°C
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
ADS-119MC/GC
0
—
+70
°C
ADS-119MM/GM/883
–55
—
+125
°C
Thermal Impedance
θjc
6
°C/Watt
θca
24
°C/Watt
Storage Temperature
–65
—
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP or SMIT
Weight
0.42 ounces (12 grams)
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±VDD = ±5V, 10mHz sampling rate, and a minimum
3 minute warmup Œ unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com