Electronic Components Datasheet Search
  English  ▼

X  

ADS-119/883 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ADS-119/883
Description  12-Bit, 10MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-119/883 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ADS-119/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-119/883 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
®
ADS-119
6
Figure 6. ADS-119 Grounded Input Histogram
Figure 7. ADS-119 FFT Analysis
This histogram represents the typical peak-to-peak noise
(including quantization noise) associated with the ADS-119.
4,096 conversions were processed with the input to the
ADS-119 tied to analog ground.
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of 0 to
+70°C and –55 to +125°C. All room-temperature (TA = +25°C)
production testing is performed without the use of heat sinks or
forced-air cooling. Thermal impedance figures for each device
are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package. Electrically-
insulating, thermally-conductive "pads" may be installed
underneath the package. Devices should be soldered to
boards rather than "socketed", and of course, minimal air flow
over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters", or contact DATEL directly, for additional
information.
3000
2500
2000
1500
1000
500
0
Digital Output Code
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency (MHz)
(fs = 10MHz, fin = 4.9MHz, Vin = –0.5dB, 4,096-point FFT)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com