Electronic Components Datasheet Search
  English  ▼

X  

ADS944 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADS944
Description  14-Bit, 5MHz Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS944 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS944 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS944 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
+5V ANALOG SUPPLY
32
START CONVERT
2
–5.2V DIGITAL SUPPLY
31
BIT 1 (MSB)
3
ANALOG INPUT
30
BIT 1 (MSB)
4
ANALOG GROUND
29
BIT 2
5
OFFSET ADJUST
28
BIT 3
6
ANALOG GROUND
27
BIT 4
7
GAIN ADJUST
26
BIT 5
8
COMP. BITS
25
BIT 6
9
OUTPUT ENABLE
24
BIT 7
10
+5V DIGITAL SUPPLY
23
BIT 8
11
ANALOG GROUND
22
BIT 9
12
+15V SUPPLY
21
BIT 10
13
–15V SUPPLY
20
BIT 11
14
–5.2V ANALOG SUPPLY
19
BIT 12
15
DIGITAL GROUND
18
BIT 13
16
EOC
17
BIT 14 (LSB)
FEATURES
• 14-bit resolution
• 5MHz minimum sampling rate
• No missing codes over full military temperature range
• Edge-triggered, no pipeline delay
• Low power, 2.95 Watts
• Small, 32-pin, ceramic TDIP package
• SMT package available
• Excellent dynamic performance
• MIL-STD-883 screening or DESC SMD available
®
®
ADS-944
14-Bit, 5MHz
Sampling A/D Converters
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
GENERAL DESCRIPTION
The low-cost ADS-944 is a high-performance, 14-bit, 5MHz
sampling A/D converter. This device accurately samples full-
scale input signals up to Nyquist frequencies with no missing
codes. The dynamic performance of the ADS-944 has been
optimized to achieve a THD of –77dB and a SNR of 76dB.
Packaged in a small, 32-pin TDIP, the functionally complete
ADS-944 contains a fast-settling sample-hold amplifier, a
subranging (two-pass) A/D converter, an internal reference,
timing and control logic, three-state outputs, and error-
correction circuitry. Digital input and output levels are TTL.
Requiring ±15V, +5V and –5.2V supplies, the ADS-944
typically dissipates 2.95 Watts. The unit is offered with a
bipolar input range of ±1.25V. Models are available for use in
either commercial (0 to +70°C) or military (–55 to +125°C)
operating temperature ranges. Typical applications include
radar signal analysis, medical/graphic imaging, and
FFT spectrum analysis.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
Figure 1. ADS-944 Functional Block Diagram
REF
DAC
31 BIT 1 (MSB)
30 BIT 1 (MSB)
29 BIT 2
28 BIT 3
27 BIT 4
26 BIT 5
25 BIT 6
24 BIT 7
23 BIT 8
22 BIT 9
21 BIT 10
20 BIT 11
19 BIT 12
18 BIT 13
17 BIT 14 (LSB)
TIMING AND
CONTROL LOGIC
ANALOG INPUT 3
START CONVERT 32
EOC 16
–
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
Σ
AMP
GAIN
CIRCUIT
GAIN ADJUST 7
OFFSET
CIRCUIT
OFFSET ADJUST 5
1
+5V
ANALOG
SUPPLY
2
–5.2V
DIGITAL
SUPPLY
4, 6, 11
ANALOG
GROUND
10
+5V
DIGITAL
SUPPLY
12
+15V
SUPPLY
14
–5.2V
ANALOG
SUPPLY
15
DIGITAL
GROUND
8
COMP.
BITS
9 OUTPUT ENABLE


Similar Part No. - ADS944

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS947 ETC-ADS947 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
More results

Similar Description - ADS944

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-118 MURATA-PS-ADS-118 Datasheet
181Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
500kHz, 14-Bit Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
14-Bit, 5MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
12-Bit, 5MHz and 9MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com