Electronic Components Datasheet Search
  English  ▼

X  

N79E855 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # N79E855
Description  Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E855 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button N79E855 Datasheet HTML 35Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 36Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 37Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 38Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 39Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 40Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 41Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 42Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 180 page
background image
N79E855/854 Data Sheet
April 23, 2014
Page 39 of 180
Revision A2.5
FSYS
1/12
0
1
0
4
7
0
7
TFx
TH0
(TH1)
TL0
(TL1)
Interrupt
T0/T1
(C/T=TMOD.6)
C/T=TMOD.2
GATE
INT0/INT1
TF0
(TF1)
TR0/TR1
1/4
0
1
T0M=CKCON.3
(T1M=CKCON.4)
0
1
1
T0OE
P1.2
(P0.7)
PIN
P1.2
(P0.7)
SFR
(T1OE)
T0OE
(T1OE)
En
Figure 10–2 Timers/Counters 0 and 1 in Mode 1
10.1.3
Mode 2 (8-bit Auto-Reload Timer)
In Mode 2, the Timer/Counter is in auto-reload mode. In this mode, TLx acts as an 8-bit count register whereas THx holds
the reload value. When the TLx register overflows from FFH to 00H, the TFx bit in TCON is set and TLx is reloaded with
the contents of THx and the counting process continues from here. The reload operation leaves the contents of the THx
register unchanged. This feature is best suitable for UART baud rate generator for it runs without continuous software
intervention. Note that only Timer1 can be the baud rate source for UART. Counting is enabled by the TRx bit and proper
setting of GATE and INTx pins. The functions of GATE and INTx pins are just the same as Mode 0 and 1.
0
1
0
7
0
7
TFx
TH0
(TH1)
TL0
(TL1)
Interrupt
T0OE
T0/T1
(C/T=TMOD.6)
C/T=TMOD.2
GATE
INT0/INT1
P1.2
(P0.7)
TF0
(TF1)
TR0/TR1
(T1OE)
FSYS
1/12
0
1/4
0
1
T0M=CKCON.3
(T1M=CKCON.4)
Figure 10–3 Timer/Counter 0 and 1 in Mode 2
10.1.4
Mode 3 (Two Separate 8-bit Timers)
Mode 3 has different operating methods for the two timers/counters. For timer/counter 1, mode 3 simply freezes the
counter. Timer/Counter 0, however, configures TL0 and TH0 as two separate 8 bit count registers in this mode. The logic
for this mode is shown in the following figure. TL0 uses the Timer/Counter 0 control bits
T
C/
, GATE, TR0, INT0 and
TF0. The TL0 can be used to count clock cycles (clock/12 or clock/4) or 1-to-0 transitions on pin T0 as determined by C/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com