Electronic Components Datasheet Search
  English  ▼

X  

ADS-929MM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADS-929MM
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-929MM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ADS-929MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-929MM Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
®
ADS-929
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
MODEL
OPERATING
ANALOG
NUMBER
TEMP. RANGE
INPUT
ADS-929MC
0 to +70°C
Bipolar (±5V)
ADS-929MM
–55 to +125°C
Bipolar (±5V)
ADS-929/883
–55 to +125°C
Bipolar (±5V)
ADS-929GC
0 to +70°C
Bipolar (±5V)
ADS-929GM
–55 to +125°C
Bipolar (±5V)
ADS-919MC
0 to +70°C
Unipolar (0 to +10V)*
ADS-919MM
–55 to +125°C
Unipolar (0 to +10V)*
ADS-919GC
0 to +70°C
Unipolar (0 to +10V)*
ADS-919GM
–55 to +125°C
Unipolar (0 to +10V)*
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
ACCESSORIES
ADS-B919/929
Evaluation Board (without ADS-929)
HS-24
Heat Sinks for all ADS-919/929 DDIP models
Receptacles for PC board mounting can be ordered through
AMP Inc. Part #3-331272-8 (Component Lead Socket), 24 required.
For MIL-STD-883 product specifications, contact DATEL.
* For information, see ADS-919 data sheet.
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
24-Pin DDIP
Versions
ADS-929MC
ADS-929MM
ADS-929/883
ADS-919MC
ADS-919MM
24-Pin
Surface Mount
Versions
ADS-929GC
ADS-929GM
ADS-919GC
ADS-919GM
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
ISO 9001
ISO 9001
REGISTERED
DS-0287B
11/96
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com