Electronic Components Datasheet Search
  English  ▼

X  

ADS-950MC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ADS-950MC
Description  18-Bit, 500kHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-950MC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ADS-950MC Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-950MC Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-950MC Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-950MC Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-950MC Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-950MC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ADS-950
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0????
07/2000
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
OPERATING
32-PIN
MODEL NUMBER
TEMP. RANGE
PACKAGE
ADS-950MC
0 to +70°C
TDIP
ADS-950MM
–55 to +125°C
TDIP
ACCESSORIES
ADS-B950
Evaluation Board (without ADS-950)
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8
(Component Lead Socket), 32 required. For availability of MIL-STD-883 product, contact DATEL.
ISO 9001
ISO 9001
REGISTERED
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000 (800) 233-2765
Fax: (508) 339-6356
Email: sales@datel.com Internet: www.datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
®®
®®
1.62 MAX.
(41.15)
0.92 MAX.
(23.37)
0.018 TYP.
(0.46)
1.50 TYP
(38.10)
0.100 TYP.
(2.54)
0.05 TYP.
(1.27)
0.175 TYP
(4.45)
0.05 TYP.
(1.27)
0.220 TYP.
(6.86)
0.90 TYP.
(22.86)
0.010 TYP.
(0.254)
Dimension Tolerances
(unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar Alloy
Lead Finish: 50 microinches (minimum)
gold plating over 100 microinches
(nominal) nickel plating
PIN 1 INDEX
0.05 TYP.
(1.27)
SEATING PLANE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com